Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8864T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # AX8864T
Description  Low-Dropout, 120mA Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AX8864T Datasheet(HTML) 2 Page - Maxim Integrated Products

  AX8864T Datasheet HTML 1Page - Maxim Integrated Products AX8864T Datasheet HTML 2Page - Maxim Integrated Products AX8864T Datasheet HTML 3Page - Maxim Integrated Products AX8864T Datasheet HTML 4Page - Maxim Integrated Products AX8864T Datasheet HTML 5Page - Maxim Integrated Products AX8864T Datasheet HTML 6Page - Maxim Integrated Products AX8864T Datasheet HTML 7Page - Maxim Integrated Products AX8864T Datasheet HTML 8Page - Maxim Integrated Products AX8864T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +3.6V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VIN to GND ..................................................................-7V to +7V
Output Short-Circuit Duration ............................................Infinite
SET to GND ..............................................................-0.3V to +7V
SHDN to GND..............................................................-7V to +7V
SHDN to IN ...............................................................-7V to +0.3V
OUT to GND ................................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (multilayer board, TA = +70°C)
SOT23 (3.9mW/°C above +70°C).............................312.6mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
SOT23
Junction-to-Ambient Thermal Resistance (
θJA)...............255.9°C/W
Junction-to-Case Thermal Resistance (
θJC)......................81°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage (Note 3)
VIN
2.5
6.5
V
MAX886_T
3.05
3.15
3.25
MAX886_S
2.75
2.84
2.93
Output Voltage
VOUT
0mA
≤ IOUT ≤ 50mA,
SET = GND
MAX886_R
2.70
2.80
2.88
V
Adjustable Output Voltage
Range (Note 4)
VOUT
VSET
6.5
V
Maximum Output Current
120
mA
Current Limit (Note 5)
ILIM
280
mA
ILOAD = 0mA
68
150
Ground Pin Current
IQ
SET = GND
ILOAD = 50mA
80
µA
IOUT = 1mA
1.1
Dropout Voltage (Note 6)
IOUT = 50mA
55
120
mV
Line Regulation
∆VLNR
VIN = 2.5V to 6.5V, SET tied to OUT,
IOUT = 1mA
-0.15
0
+0.15
%/V
SET = GND
0.011
0.040
Load Regulation
∆VLDR
IOUT = 0mA to 50mA
SET tied to OUT
0.006
%/mA
COUT = 1µF
350
Output Voltage Noise
10Hz to 1MHz
COUT = 100µF
220
µVRMS
SHUTDOWN
VIH
2.0
SHDN Input Threshold
VIL
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com