Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1001 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # KBPC1001
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

KBPC1001 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  KBPC1001 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 10A
FEATURES
• Surge overload rating: 200A peak
• High case dielectric strength
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Hole thru for
#6 screw
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
KBPC
10005
KBPC
1001
KBPC
1002
KBPC
1004
KBPC
1006
KBPC
1008
KBPC
1010
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Tc=50
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at forward current 5.0A DC)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Operating Temperature Range
TJ
oC
Storage Temperature
TSTG
oC
http://www.sse-diode.com
KBPC10005 THRU KBPC1010
SINGLE PHASE SILICON
BRIDGE RECTIFIER
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
RATINGS
IF(AV)
10.0
A
IFSM
200
A
VF
1.1
V
-55 to +150
IR
10.0
500
-55 to +125
TECHNICAL
SPECIFICATION
KBPC10
Dimensions in inches and (millimeters)


Similar Part No. - KBPC1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1001 WTE-KBPC1001 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1001 JGD-KBPC1001 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1001 SEMTECH-KBPC1001 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Lunsure Electr...
KBPC1001 CHENYI-KBPC1001 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC1001 DCCOM-KBPC1001 Datasheet
370Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1001

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com