Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC801 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # KBPC801
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

KBPC801 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  KBPC801 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 8.0A
FEATURES
• Surge overload rating: 125A peak
• High case dielectric strength
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Hole thru for
#6 screw
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
KBPC
8005
KBPC
801
KBPC
802
KBPC
804
KBPC
806
KBPC
808
KBPC
810
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Tc=50
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at forward current 4.0A DC)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Operating Temperature Range
TJ
oC
Storage Temperature
TSTG
oC
http://www.sse-diode.com
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive
load,derate current by 20%)
KBPC8005 THRU KBPC810
SINGLE PHASE SILICON
BRIDGE RECTIFIER
RATINGS
IF(AV)
8.0
A
IFSM
125
A
VF
1.1
V
-55 to +150
IR
10.0
500
-55 to +125
TECHNICAL
SPECIFICATION
Dimensions in inches and (millimeters)
KBPC8


Similar Part No. - KBPC801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC801 WTE-KBPC801 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC801 JGD-KBPC801 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC801 SEMTECH-KBPC801 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Lunsure Electr...
KBPC801 CHENYI-KBPC801 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC801 DCCOM-KBPC801 Datasheet
370Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC801

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com