Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # R2M
Description  OVER VOLTAGE PROTACTION DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

R2M Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  R2M Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• Excellent clamping capability
• Low incremental surge resistance
• High temperature soldering guaranteed:
250
oC/10S/9.5mm lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
• Mounting position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
(Ratings at 25
oC ambient temperature unless otherwise specified)
Min.
Max.
Reverse Surge Current
IRSM
1.0
A
Reverse Blocking Voltage
VDC
130
V
Forward Voltage
VF
1.0
V
Reverse Breakdown Voltage
VZ
135
150
V
Reverse Current
IR1
10
µA
High Temperature Reverse Current
IR2
50
µA
Typical Temperature Coefficient of
Reverse Breakdown Voltage
Operating Junction and Storage
Temperature Range
http://www.sse-diode.com
R2M
OVER VOLTAGE
PROTACTION DIODE
BREAKDOWN VOLTAGE: 135-150V
REVERSE SURGE CURRENT: 1A
RATINGS
SYMBOL
TEST CONDITION
VALUE
UNITS
IF=0.5A
IZ=1.0mA (transient)
VR=130V,25
oC
VR=130V,100
oC
α(Vz)
IZ=1.0mA
0.15typ
V/
oC
oC
TJ,TSTG
-55
175
DO - 15
Dimensions in inches and (millimeters)
TECHNICAL
SPECIFICATION


Similar Part No. - R2M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R2M SANKEN-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
List of Unclassifed Man...
R2M ETC-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
logo
DIYI Electronic Technol...
R2M DYELEC-R2M Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results

Similar Description - R2M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
Over Load and Over Voltage protection
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
FSP TECHNOLOGY INC.
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
Over voltage protection
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
Over voltage protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com