Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAC243 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AAC243
Description  Current Mode PWM Contoller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC243 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AAC243 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
2 / 8
BLOCK DIAGRAM
Open Loop Test Circuit
MAXIMUM RATINGS
PARAMETER
PARAMETERS
UNITS
CONDITIONS
MIN.
MAX.
Supply Voltage (Vcc – Ground)
0
30
V
Low impedance source
Vfb and Isense Amp Inputs
-0.3
5.5
V
Output Current
±1
A
Power Dissipation
1200
mW
DIP
1000
mW
SOIC8
Operating Junction Temperature
150
°C
Operating Ambient Temperature
-40
105
°C
Extended industrial temp. rated
devices
Operating Ambient Temperature
-40
125
°C
Automotive temp. rated devices
Storage Temperature Range
-65
150
°C
Lead Temperature (10 Second)
300
°C
Soldering
0.1uF
A
0.1uF
4.7K
Ct
Rt
100K
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
1K
OUTPUT
1K/1W
V+
2N3904
4.7K
5K
-
OUTPUT 6
+
+
1 COMP
3 Isense
5.00VREF
8 Vcc
4 Rt/Ct
-
UVLO
34V
5V
REF
2R
S
Vref 7
2 Vf b
2.5V
R
Current Sense
Comparator
REF
OK
DVR
Q
OSC
1V
5 GND
R
Error
Amp
11R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com