Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS401 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 11Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 12Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 13Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 14Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 15Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 16Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
13 / 18
40WATT APPLICATION SCHEMATIC: IPS401 White LED Driver Powering 3 rows of 125 x 100mW HB
LEDs (Vin = 100V/220V AC)
Fig. 13
The application shown in Fig. 13 is typical of large PDP or LCD panel backlighting control. The requirement is
perfectly suited for a boost converter topology, where the IPS401 brings the simplest, highest-efficiency, highest
power factor and cost-effective solution. The load, limited to 3 strings of 125 HB LEDs requires only to deliver 40W of
continuous power on a typical 400V DC/current regulated rail from a wide range mains. But the number of strings
could be easily extended by a factor of 10 as the IPS401 would efficiently deliver an output power up to 500W should
some components such as TR1 (inductor), Q1 (MOSFET), D6 (Output Diode) be sized accordingly.
The above function is available for demonstration in AAI’s IPS-DK401 demokit. Please contact sales
(sales@asicadvantage.com) for availability and pricing.
C3
0.22uF
450VAC
3
1
BR1
AC IN
Q1
NMOSFET
4N60
U2
IPS401
TR1
INDUCTOR WITH BIAS
D1
150V
D2
150V
D3
150V
R1
24K
C1
0.015uF
C4
4700pF
D5
LED
R2
1K
R3
100
R4
100
R5
820K
R6
750K
D6
Ultra Fast
FR804
D7
D8
2 x 1N4148
C5
47uF
16V
C6
1uF
D9
1N4148
D10
LED
D11
LED
D12
LED
D13
LED
D14
LED
D15
LED
D16
LED
D17
LED
D18
LED
D19
LED
D20
LED
D21
LED
D22
LED
D23
LED
D24
LED
D25
LED
D26
LED
R7
16
R8
16
R9
3 / 2W
R9
16
String
Current
Sensing
Dimming
Three Strings of 125 x100mWWhite LEDS
BOOST TOPOLOGY
C8
100pF
Input
100 / 220V AC
GND
R10
300k
C9
1uF
C2
100pF
Q2
ZTX549
C10
0.01uF
500V
R11
1M
D4
1N4148
R12
24k
R13
200
D28
Schottky
R14
200
D29
Schottky
R15
200
D30
Schottky
+ C7
47uF
R16
10k
D32
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com