Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA220 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 9Page - NXP Semiconductors KMA220 Datasheet HTML 10Page - NXP Semiconductors KMA220 Datasheet HTML 11Page - NXP Semiconductors KMA220 Datasheet HTML 12Page - NXP Semiconductors KMA220 Datasheet HTML 13Page - NXP Semiconductors KMA220 Datasheet HTML 14Page - NXP Semiconductors KMA220 Datasheet HTML 15Page - NXP Semiconductors KMA220 Datasheet HTML 16Page - NXP Semiconductors KMA220 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
13 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
[1]
Measured at 1 MHz.
Table 15.
Digital interface
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
80
-
-
%VDD
VIL
LOW-level input voltage
-
-
20
%VDD
VOH
HIGH-level output voltage
IO =2mA
80
-
-
%VDD
VOL
LOW-level output voltage
IO =2mA
-
-
20
%VDD
Iod
overdrive current
absolute value for overdriving
the output buffer
--
20
mA
tstart
start time
LOW level before rising edge
5
-
-
s
tstop
stop time
HIGH level before falling edge
5
-
-
s
Tbit
bit period
the load capacitance limits the
minimum period
10
-
100
s
T
bit
bit period deviation
deviation between received
clock and sent clock
0.8Tbit
1Tbit
1.2Tbit
s
tw0
pulse width 0
0.175Tbit
0.25Tbit
0.375Tbit
s
tw1
pulse width 1
0.625Tbit
0.75Tbit
0.825Tbit
s
tto
time-out time
communication reset
guaranteed after maximum tto
--
220
s
ttko(slv)
slave takeover time
duration of LOW level for
slave takeover
1-
5
s
ttko(mas)
master takeover time
duration of LOW level for
master takeover
0Tbit
-0.5Tbit
s
tprog
programming time
for a single memory address
20
-
-
ms
tcp
charge pump time
waiting time after enabling the
non-volatile memory charge
pump clock
1-
-
ms
Table 16.
Internal capacitances
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cblock
blocking capacitance
[1] 50
100
150
nF
CL
load capacitance
[1] 1.1
2.2
3.3
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com