Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP20 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 2 Page - Texas Instruments

  TMP20 Datasheet HTML 1Page - Texas Instruments TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TMP20
SBOS466 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP20
SC70-5
DCK
ODB
TMP20
SOT563-6
DRL
ODA
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
TMP20
UNIT
Supply Voltage, V+
+7.0
V
Operating Temperature Range
–55 to +150
°C
Storage Temperature Range
–65 to +150
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
4000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com