Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS33 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # SS33
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

SS33 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  SS33 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 20 TO 60V CURRENT: 3.0A
FEATURES
• Ideal for surface mount pick and
place application
• Low profile package
• Low power loss, high efficiency
• High current capability,low VF
• High surge capability
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
SS32
SS33
SS34
SS35
SS36
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
(TL=100
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
mA
(at rated DC blocking voltage)
Ta=100
oC
mA
Typical Junction Capacitance
(Note 1)
CJ
pF
Typical Thermal Resistance
(Note 2)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1.Measured at 1.0 MHz and applied voltage of 4.0Vdc
2.Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode.com
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive
load, derate current by 20%)
300
15
RATINGS
A
0.7
V
0.5
IF(AV)
3.0
A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
SS32 THRU SS36
-65 to +150
IFSM
100
IR
0.5
20.0
VF
TECHNICAL
SPECIFICATION
B
C
A
D
G
H
F
SMC/DO-214AB
Dimensions in inches and (millimeters)
AB
CD
MAX. .245(6.22) .280(7.11) .124(3.15) .012(0.305)
MIN. .220(5.59) .260(6.60) .108(2.75) .006(0.152)
EF
G
H
MAX. .320(8.13) .096(2.44) .008(0.203) .060(1.52)
MIN. .305(7.75) .084(2.13) .004(0.102) .030(0.76)


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS33 FAIRCHILD-SS33 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS33 GE-SS33 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS33 MCC-SS33 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
logo
Continental Device Indi...
SS33 CDIL-SS33 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com