Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLC780D Datasheet(PDF) 21 Page - Jewel Hill Electronic

Part # SPLC780D
Description  The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

SPLC780D Datasheet(HTML) 21 Page - Jewel Hill Electronic

Back Button SPLC780D Datasheet HTML 16Page - Jewel Hill Electronic SPLC780D Datasheet HTML 17Page - Jewel Hill Electronic SPLC780D Datasheet HTML 18Page - Jewel Hill Electronic SPLC780D Datasheet HTML 19Page - Jewel Hill Electronic SPLC780D Datasheet HTML 20Page - Jewel Hill Electronic SPLC780D Datasheet HTML 21Page - Jewel Hill Electronic SPLC780D Datasheet HTML 22Page - Jewel Hill Electronic SPLC780D Datasheet HTML 23Page - Jewel Hill Electronic SPLC780D Datasheet HTML 24Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
(1) Make certain that you are grounded when handing LCM.
(2) Before removing LCM from its packing case or incorporating it into a set, be sure the module and
your body have the same electric potential.
(3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron
does not leak.
(4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground
potentiality to minimize as much as possible any transmission of electromagnetic waves produced
sparks coming from the commutator of the motor.
(5) As far as possible, make the electric potential of your work clothes and that of the workbenches to
the ground potential.
(6) To reduce the generation of electro-static discharge, be careful that the air in the work is not too
dried. A relative humidity of 50%-60% is recommended.
11.4 PRECAUTIONS FOR OPERATION
(1) Viewing angle varies with the change of liquid crystal driving voltage (Vo). Adjust Vo to show
the best contrast.
(2) Driving the LCD in the voltage above the limit will shorten its lifetime.
(3) Response time is greatly delayed at temperature below the operating temperature range. However,
this does not mean the LCD will be out of the order. It will recover when it returns to the specified
temperature range.
(4) If the display area is pushed hard during operation, the display will become abnormal. However, it
will return to normal if it is turned off and then on.
(5) Condensation on terminals can cause an electrochemical reaction disrupting the terminal circuit.
Therefore, this product must be used and stored within the specified condition of 23±5°C,
45±20%RH.
(6) When turning the power on, input each signal after the positive/negative voltage becomes stable.
11.5 SAFETY
(1) It is recommended to crush damaged or unnecessary LCDs into pieces and wash them off with
solvents such as acetone and ethanol, which should later be burned.
(2) If any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off
thoroughly with soap and water.
JHB1602I
VER: 4.0
- 20 -
Issue date: 2009/12/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com