Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST28SF040A Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST28SF040A
Description  4 Mbit (512K x8) SuperFlash EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28SF040A Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST28SF040A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST28SF040A Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
13
©2001 Silicon Storage Technology, Inc.
S71077-04-000
6/01
310
FIGURE 6: CE# CONTROLLED BYTE-PROGRAM CYCLE TIMING DIAGRAM
FIGURE 7: RESET COMMAND TIMING DIAGRAM
310 ILL F05.1
CE#
OE#
WE#
TDH
TDS
TOES
TCPH
TAS
TAH
TCS
TCH
TOEH
TCP
TDS
TDH
TBP
ADDRESS A18-0
DQ 7-0
BYTE-PROGRAM SETUP COMMAND
I0H
DATA VALID
310 ILL F06.0
CE#
OE#
WE#
TDS
TDH
TRST
ADDRESS A18-0
DQ 7-0
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com