Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST29SF020 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST29SF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF020 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST29SF020 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST29SF020 Datasheet HTML 24Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
21
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
Device
Speed
Suffix1
Suffix2
SST29xFxxx
-XXX
-XX
-XX
Package Modifier
H = 32 pins
Numeric = Die modifier
Package Type
N = PLCC
W = TSOP (die up) (8mm x 14mm)
P = PDIP
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
55 = 55 ns
70 = 70 ns
Device Density
512 = 512 Kilobit
010 =
1 Megabit
020 =
2 Megabit
040 =
4 Megabit
Voltage
S = 5V±10%
V = 2.7-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com