Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 2 Page - Intersil Corporation

  KMB-001LEVALZ Datasheet HTML 1Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 2Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 3Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 4Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 5Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 6Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 7Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 8Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ISLA224P12
2
FN7983.3
August 17, 2012
Pin Configuration- LVDS Mode
ISLA224P12
(72 LD QFN)
TOP VIEW
72
71
70
69
68
67
66
65
64
63
62
61
60
59
D3P
D3N
D4P
D4N
D5P
D5N
CLKOUTP
CLKOUTN
RLVDS
OVSS
D6P
D6N
D7P
D7N
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
VINBP
VINBN
AVSS
AVDD
AVDD
AVSS
VINAN
VINAP
AVSS
19
20
21
22
23
24
25
26
27
28
29
30
31
32
15
16
17
18
CLKDIV
DNC
DNC
RESETN
33
34
35
36
D8P
D8N
D9P
D9N
40
39
38
37
58
57
56
55
Connect Thermal Pad to AVSS
Thermal Pad Not Drawn to Scale.
Consult Mechanical Drawing for
Physical Dimensions.
Pin Descriptions - 72 Ld QFN, LVDS Mode
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION
1, 2, 16, 17
DNC
Do Not Connect
9, 10, 19, 20, 21, 70, 71, 72
AVDD
1.8V Analog Supply
5, 8, 11, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
6, 7
VINBP, VINBN
Channel B Analog Input Positive, Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com