Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST45LF010 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST45LF010
Description  1 Megabit Serial Flash
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST45LF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
1 Megabit Serial Flash
SST45LF010
13
©2001 Silicon Storage Technology, Inc.
S71128-03-000
4/01
372
SST45LF010 Valid combinations
SST45LF010-10-4C-SA
SST45LF010-10-4C-QA
Example:
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST45L Fxxx
-XXX
-XX
-XX
Package Modifier
A = 8 leads
Package Type
S = SOIC
Q = WSON
Temperature Range
C = Commercial = 0°C to +70°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
10 = 10 MHz
Device Density
010 = 1 Megabit
Voltage
L = 3.0-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com