Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST45VF010 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST45VF010
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF010 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST45VF010 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
© 2000 Silicon Storage Technology, Inc.
S71178
514-1 10/00
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
FUNCTIONAL BLOCK DIAGRAM
Reset
Reset will terminate any operation, e.g., Read, Erase
and Program, in progress. It is activated by a high to low
transition on the RESET# pin. The device will remain in
reset condition as long as RESET# is low. Minimum reset
time is 10µs. See Figure 14 for reset timing diagram.
RESET# is internally pulled-up and could remain uncon-
nected during normal operation. After reset, the device is
in standby mode, a high to low transition on CE# is
required to start the next operation.
An internal power-on reset circuit protects against acci-
dental data writes. Applying a logic level low to RESET#
during the power-on process then changing to a logic
level high when VDD has reached the correct voltage
level will provide additional protection against accidental
writes during power on.
Read SST ID/Read Device ID
The Read SST ID and Read Device ID operations read
the JEDEC assigned manufacturer identification and the
manufacturer assigned device identification codes.
These codes may be used to determine the actual device
resident in the system.
Write Protect
The WP# pin provides inadvertent write protection. The
WP# pin must be held high for any Erase or Program
operation. The WP# pin is “don’t care” for all other
operations. In typical use, the WP# pin is connected to
VSS with a standard pull-down resistor. WP# is then
driven high whenever an Erase or Program operation is
required. If the WP# pin is tied to VDD with a pull-up
resistor, then all operations may occur and the write
protection feature is disabled. The WP# pin has an
internal pull-up and could remain unconnected when not
used.
514ILL B1.0
I/O Buffers
and
Data Latches
SuperFlash
Cell Array
X - Decoder
Control Logic
Address
Buffers
and
Latches
CE#
Y - Decoder
SCK
SI
SO
WP# RESET#
Serial Interface
TABLE 1: PRODUCT IDENTIFICATION
Byte
Data
Manufacturer’s ID
0000 H
BF H
Device ID
SST45VF512
0001 H
41 H
SST45VF010
0001 H
45 H
SST45VF020
0001 H
43 H
514 PGM T1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com