Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST45VF020 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST45VF020
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF020 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST45VF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
© 2000 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
514-1 10/00
S71178
FEATURES:
•
Single 2.7-3.6V Read and Write Operations
•
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
•
Byte Serial Read with Single Command
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption:
– Active Current: 20 mA (typical)
– Standby Current: 10 µA (typical)
•
Sector or Chip-Erase Capability
– Uniform 4 KByte sectors
•
Fast Erase and Byte-Program:
– Chip-Erase Time: 70 ms (typical)
– Sector-Erase Time: 18 ms (typical)
– Byte-Program Time: 14 µs (typical)
•
Automatic Write Timing
– Internal VPP Generation
•
End-of-Write Detection
– Software Status
•
10 MHz Max Clock Frequency
•
Hardware Reset Pin (RESET#)
– Resets the device to Standby Mode
•
CMOS I/O Compatibility
•
Hardware Data Protection
– Protects and unprotects the device
from Write operation
•
Packages Available
– 8-Pin SOIC (4.9mm x 6mm)
PRODUCT DESCRIPTION
The SST45VF512, SST45VF010 and SST45VF020 are
manufactured with SST’s proprietary, high performance
CMOS SuperFlash technology. The Serial Flash is
organized as 16 sectors of 4096 Bytes for SST45VF512,
32 sectors of 4096 Bytes for the SST45VF010 and
64 sectors of 4096 Bytes for the SST45VF020. The
memory is accessed for Read or Erase/Program by the
SPI bus compatible serial protocol. The bus signals are:
serial data input (SI), serial data output (SO), serial clock
(SCK), write protect (WP#), chip enable (CE#), and
hardware reset (RESET#).
The SST45VFxxx devices are offered in 8-pin SOIC
package. See Figure 1 for the pinout.
Device Operation
The SST45VFxxx uses bus cycles of 8 bits each for
commands, data, and addresses to execute operations.
The operation instructions are listed in Table 2.
All instructions are synchronized off a high to low transi-
tion of CE#. The first low to high transition on SCK will
initiate the instruction sequence. Inputs will be accepted
on the rising edge of SCK starting with the most signifi-
cant bit. Any low to high transition on CE# before the input
instruction completes will terminate any instruction in
progress and return the device to the standby mode.
Read
The Read operation outputs the data in order from the
initial accessed address. While SCK is input, the address
will be incremented automatically until end (top) of the
address space, then the internal address pointer auto-
matically increments to beginning (bottom) of the ad-
dress space (00000H), and data out stream will continue.
The read data stream is continuous through all ad-
dresses until terminated by a low to high transition on
CE#.
Sector/Chip-Erase Operation
The Sector-Erase operation clears all bits in the selected
sector to “FF”. The Chip-Erase instruction clears all bits
in the device to “FF”.
Byte-Program Operation
The Byte-Program operation programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (“FF”) when initiating a Program
operation. The data is input from bit 7 to bit 0 in order.
Software Status Operation
The Status operation determines if an Erase or Program
operation is in progress. If bit 0 is at a “0” an Erase or
Program operation is in progress, the device is busy. If bit
0 is at a “1” the device is ready for any valid operation. The
status read is continuous with ongoing clock cycles until
terminated by a low to high transition on CE#.


Similar Part No. - SST45VF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010 SST-SST45LF010 Datasheet
181Kb / 14P
1 Megabit Serial Flash
SST45LF010 SST-SST45LF010 Datasheet
201Kb / 16P
1 Mbit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
181Kb / 14P
1 Megabit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
201Kb / 16P
1 Mbit Serial Flash
SST45LF010-10-4C-SA SST-SST45LF010-10-4C-SA Datasheet
181Kb / 14P
1 Megabit Serial Flash
More results

Similar Description - SST45VF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com