Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF128 Datasheet(PDF) 40 Page - Silicon Storage Technology, Inc

Part # SST48CF128
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF128 Datasheet(HTML) 40 Page - Silicon Storage Technology, Inc

Back Button SST48CF128 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF128 Datasheet HTML 44Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.3 Erase Sector(s) - C0H
This command is used to pre-erase and condition data sectors in advance of a Write without Erase or
Write Multiple without Erase command. There is no data transfer associated with this command but a
Write Fault error status can occur.
3.2.1.4 Format Track - 50H
This command writes the desired head and cylinder of the selected drive with a vendor unique data
pattern (typically FFH or 00H). To remain host backward compatible, the CompactFlash card expects a
sector buffer of data from the host to follow the command with the same protocol as the Write Sector(s)
command although the information in the buffer is not used by the CompactFlash card. If LBA=1 then
the number of sectors to format is taken from the Sec Cnt register (0=256). The use of this command is
not recommended.
3.2.1.5 Identify Drive - ECH
The Identify Drive command enables the host to receive parameter information from the CompactFlash
card. This command has the same protocol as the Read Sector(s) command. The parameter words in
the buffer have the arrangement and meanings defined in Table 3-8. All reserved bits or words are zero.
Table 3-8 is the definition for each field in the Identify Drive Information.
Bit ->
76
54
32
10
Command (7)
C0H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
50H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
X (LBA 7-0)
Sec Cnt (2)
Count (LBA mode only)
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
ECH
C/D/H (6)
XX
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com