Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58SD024 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST58SD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SD024 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST58SD024 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58SD024 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
TABLE
2-2: SIGNAL DESCRIPTION
Symbol
Type1
Pin
Name and Functions
A2 - A0
I
13,14,19
A[2:0] are used to select the one of eight registers in the Task File.
D15 - D0
I/O
9,8,7,6,5,4,3,2,
31,30,29,28,27,
26,25,24
Data bus
CS1FX#, CS3FX#
I
15,18
CS1FX# is the chip select for the task file registers while CS3FX# is used to
select the Alternate Status Register and the Device Control Register.
CSEL
I
22
This internally pulled-up signal is used to configure this device as a Master
or a Slave. When this pin is grounded, this device is configured as a Master.
When the pin is open, this device is configured as a Slave.
IORD#
I
11
This is an I/O Read strobe generated by the host. This signal gates I/O data
onto the bus from the chip.
IOWR#
I
23
The I/O Write strobe pulse is used to clock I/O data into the chip.
IOCS16#
O
21
This output signal is asserted low when this device is expecting a word data
transfer cycle.
WP#
I
10
Write protect pin is used to disable Write operation. When this pin is low,
data on chip will be write protected.
INTRQ
O
12
Signal is the active high Interrupt Request to the host.
PDIAG#
I/O
20
This input/output is the Pass Diagnostic signal in the Master/Slave
handshake protocol.
DASP#
I/O
17
This input/output is the Disk Active/Slave present signal in the Master/Slave
handshake protocol.
RESET#
I
1
This input pin is the active low hardware reset from the host.
GND
-
16
Ground
VDD
-32
Power
T2-2.3 391
1. Please refer to Sections 2.3.1 to 2.3.4 for detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com