Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF192 Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

Part # SST48CF192
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF192 Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST48CF192 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 49Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
45
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.9 Read Buffer - E4H
The Read Buffer command enables the host to read the current contents of the CompactFlash Card’s
sector buffer. This command has the same protocol as the Read Sector(s) command.
3.2.1.10 Read Multiple - C4H
Note: The current revision of the SST CompactFlash card can support up to a block count of 1 as indicated in the Identify Drive
Command information.
The Read Multiple command performs similarly to the Read Sectors command. Interrupts are not
generated on every sector, but on the transfer of a block which contains the number of sectors defined
by a Set Multiple command.
Command execution is identical to the Read Sectors operation except that the number of sectors
defined by a Set Multiple command are transferred without intervening interrupts. DRQ qualification of
the transfer is required only at the start of the data block, not on each sector.
The block count of sectors to be transferred without intervening interrupts is programmed by the Set
Multiple Mode command, which must be executed prior to the Read Multiple command. When the Read
Multiple command is issued, the Sector Count Register contains the number of sectors (not the number
of blocks or the block count) requested. If the number of requested sectors is not evenly divisible by the
block count, as many full blocks as possible are transferred, followed by a final, partial block transfer.
The partial block transfer is for n sectors, where
n = remainder(sector count/block count)
If the Read Multiple command is attempted before the Set Multiple Mode command has been executed
or when Read Multiple commands are disabled, the Read Multiple operation is rejected with an Aborted
Command error. Disk errors encountered during Read Multiple commands are posted at the beginning
of the block or partial block transfer, but DRQ is still set and the data transfer will take place as it
normally would, including transfer of corrupted data, if any.
Interrupts are generated when DRQ is set at the beginning of each block or partial block. The error
reporting is the same as that on a Read Sector(s) Command. This command reads from 1 to 256
sectors as specified in the Sector Count register. A sector count of 0 requests 256 sectors. The transfer
begins at the sector specified in the Sector Number Register.
Bit ->
76
54
32
10
Command (7)
E4H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
C4H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com