Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAN0002TP Datasheet(PDF) 2 Page - AVX Corporation

Part # CAN0002TP
Description  Communication BUS Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0002TP Datasheet(HTML) 2 Page - AVX Corporation

  CAN0002TP Datasheet HTML 1Page - AVX Corporation CAN0002TP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Communication BUS Varistor
SOLDER PAD DIMENSIONS
mm (inches)
0402 Discrete
0603 Discrete
0405 Array
0612 Array
Length
1.00 ±0.10 (0.040 ±0.004)
1.60 ±0.15 (0.063 ±0.006)
1.00 ±0.15 (0.039 ±0.006)
1.60 ±0.20 (0.063 ±0.008)
Width
0.50 ±0.10 (0.020 ±0.004)
0.80 ±0.15 (0.032 ±0.006)
1.37 ±0.15 (0.054 ±0.006)
3.20 ±0.20 (0.126 ±0.008)
Thickness
0.60 Max. (0.024 Max.)
0.90 Max. (0.035 Max.)
0.66 Max. (0.026 Max.)
1.22 Max. (0.048 Max.)
Term Band Width
0.25 ±0.15 (0.010 ±0.006)
0.35 ±0.15 (0.014 ±0.006)
0.36 ±0.10 (0.014 ±0.004)
0.41 ±0.10 (0.016 ±0.010)
A
B
C
D
E
C
A
B
A
B
0405 Array
0402/0603 Discrete
0612 Array
A
B
C
D
E
AB
C
D
E
0402 Discrete
0.61
0.51
1.70
––
(0.024)
(0.020)
(0.067)
0603 Discrete
0.89
0.76
2.54
––
(0.035)
(0.030)
(0.100)
0405 Array
0.46
0.74
0.12
0.38
0.64
(0.018)
(0.029)
(0047)
(0.015)
(0.025)
0612 Array
0.89
1.65
2.54
0.46
0.76
(0.035)
(0.065)
(0.100)
(0.018)
(0.030)
PHYSICAL DIMENSIONS
mm (inches)
64
APPLICATION
AVX CAN BUS and FlexRay varistors offer significant advantages
in general areas of a typical CAN or FlexRay network as shown
on the right. Some of the advantages over diodes include:
• space savings
• higher ESD capability @ 25kV contact
• higher in rush current (4A) 8 x 20μS
• FIT rate ≤0.1 failures (per billion hours)
FlexRayTM
CAN
Powertrain
Body Control
Module/CAN
Gateway
Instrument
Cluster
Smart
Junction Box
Dash Board
Node
HVAC
Door
Module
Wheel Node
Wheel Node
Wheel Node
Wheel Node
X-by-Wire Master
0402, 0603
0405
0612
Discrete
Array
Array



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com