Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAN0004TP Datasheet(PDF) 1 Page - AVX Corporation

Part # CAN0004TP
Description  Communication BUS Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0004TP Datasheet(HTML) 1 Page - AVX Corporation

  CAN0004TP Datasheet HTML 1Page - AVX Corporation CAN0004TP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
63
Communication BUS Varistor
The CAN BUS and FlexRay varistor is a zinc oxide (ZnO) based ceramic semiconductor device
with non-linear voltage-current characteristics (bi-directional) similar to back-to-back Zener
diodes and an EMC capacitor in parallel (see equivalent circuit model). They have the added
advantage of greater current and energy handling capabilities as well as EMI/RFI attenuation.
Devices are fabricated by a ceramic sintering process that yields a structure of conductive ZnO
grains surrounded by electrically insulating barriers, creating varistor like behavior.
HOW TO ORDER
CAN
Style
CAN = CAN BUS
FLX = FlexRay
0001
Case Size
0001 = 0603 Discrete
0002 = 0405 2-Element
0004 = 0612 4-Element
0005 = 0402 Discrete
P
Termination
P = Ni/Sn Alloy
(Plated)
D
Packaging Code
(Reel Size)
D = 7" reel (1,000 pcs.)
R = 7" reel (4,000 pcs.)
T = 13" reel (10,000 pcs.)
W = 7" reel (10,000 pcs.) 0402 and 0201 only
GENERAL DESCRIPTION
PERFORMANCE CHARACTERISTICS
AVX Part No.
VW (DC)
VW (AC)
VB
IL
ET
IP
Cap.
Case Size
Elements
CAN0001_ _
≤18
≤14
120
2
0.015
4
22
0603
1
CAN0002_ _
≤18
≤14
70
2
0.015
4
22
0405
2
CAN0004_ _
≤18
≤14
100
2
0.015
4
22
0612
4
CAN0005_ _
≤18
≤14
33
2
0.015
4
37
0402
1
FLX0005_ _
≤18
≤14
26
5
0.020
4
17
0402
1
Termination Finish Code
Packaging Code
VW (DC)
DC Working Voltage (V)
VW (AC)
AC Working Voltage (V)
VB
Typical Breakdown Voltage (V @ 1mA
DC )
V
C
Clamping Voltage (V @ I
VC)
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Maximum Capacitance (pF) @ 1 MHz and 0.5Vrms
Temp Range
-55ºC to +125ºC
LEAD-FREE COMPATIBLE
COMPONENT
EQUIVALENT CIRCUIT MODEL
Discrete MLV Model
PCB
Trace
To Device
Requiring
Protection
RV
C
RP
Ron
LP
Solder Pad
Where: Rv
=
Voltage Variable resistance (per VI curve)
Rp
≥1012 Ω
C
=
defined by voltage rating and energy level
Ron =
turn on resistance
Lp
=
parallel body inductance
0
1
10
100
1000
10000
Frequency (MHz)
10.0
0.0
-10.0
-20.0
-30.0
-40.0
-50.0
CAN0001
CAN0005
FLX0005
10000
1000
100
10
10
100
1000
10000
Pulse Duration (µS)
Typical Pulse Rating Curve


Similar Part No. - CAN0004TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CAN0004TP AVX-CAN0004TP Datasheet
461Kb / 4P
Communication BUS Varistor
More results

Similar Description - CAN0004TP

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
AVX Corporation
CAN0001DP AVX-CAN0001DP Datasheet
461Kb / 4P
Communication BUS Varistor
logo
PHOENIX CONTACT
2702921 PHOENIX-2702921 Datasheet
802Kb / 12P
Communication module - IB IL MP-BUS-PAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com