Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49LF002 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # 49LF002
Description  2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

49LF002 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button 49LF002 Datasheet HTML 17Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 18Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 19Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 20Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 21Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 22Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 23Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 24Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Advance Information
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A / SST49LF003A / SST49LF004A / SST49LF008A
21
©2001 Silicon Storage Technology, Inc.
S71161-06-000
9/01
504
AC CHARACTERISTICS (FWH MODE)
TABLE 16: READ/WRITE CYCLE TIMING PARAMETERS (FWH MODE), VDD =3.0-3.6V
Symbol
Parameter
Min
Max
Units
TCYC
Clock Cycle Time
30
ns
TSU
Data Set Up Time to Clock Rising
7
ns
TDH
Clock Rising to Data Hold Time
0
ns
TVAL1
1. Minimum and maximum times have different loads. See PCI spec.
Clock Rising to Data Valid
2
11
ns
TBP
Byte Programming Time
20
µs
TSE
Sector-Erase Time
25
ms
TBE
Block-Erase Time
25
ms
TSCE
Chip-Erase Time
100
ms
TON
Clock Rising to Active (Float to Active Delay)
2
ns
TOFF
Clock Rising to Inactive (Active to Float Delay)
28
ns
T16.3 504
TABLE 17: AC INPUT/OUTPUT SPECIFICATIONS (FWH MODE)
Symbol
Parameter
Min
Max
Units
Conditions
IOH(AC)
Switching Current High
-12 VDD
-17.1(VDD-VOUT)
Equation C1
1. See PCI spec.
mA
mA
0 < VOUT ≤ 0.3VDD
0.3VDD < VOUT < 0.9VDD
0.7VDD < VOUT <VDD
(Test Point)
-32 VDD
mA
VOUT=0.7VDD
IOL(AC)
Switching Current Low
16 VDD
26.7 VOUT
Equation D1
mA
mA
VDD >VOUT ≥0.6VDD
0.6VDD > VOUT > 0.1VDD
0.18VDD > VOUT > 0
(Test Point)
38 VDD
mA
VOUT=0.18VDD
ICL
Low Clamp Current
-25+(VIN+1)/0.015
mA
-3 < VIN ≤ -1
ICH
High Clamp Current
25+(VIN-VDD-1)/0.015
mA
VDD+4 > VIN ≤ VDD+1
slewr2
2. PCI specification output load is used.
Output Rise Slew Rate
1
4
V/ns
0.2VDD-0.6VDD load
slewf2
Output Fall Slew Rate
1
4
V/ns
0.6VDD-0.2VDD load
T17.3 504
TABLE 18: RESET TIMING PARAMETERS, VDD =3.0-3.6V (FWH MODE)
Symbol
Parameter
Min
Max
Units
TPRST
VDD stable to Reset Low
1
ms
TKRST
Clock Stable to Reset Low
100
µs
TRSTP
RST# Pulse Width
100
ns
TRSTF
RST# Low to Output Float
48
ns
TRST1
1. There will be a latency of TRSTE if a reset procedure is performed during a Program or Erase operation.
RST# High to FWH4 Low
1
µs
TRSTE
RST# Low to reset during Sector-/Block-Erase or Program
10
µs
T18.5 504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com