Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF032-C1 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST48CF032-C1
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF032-C1 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST48CF032-C1 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST48CF032-C1 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
1.2 SST’s CompactFlash Card Product Offering
The SST48CFxxx High CompactFlash product family is available in 8 to 256 MByte densities. The following table
shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line.
.
2.0 ELECTRICAL INTERFACE
2.0.1 Pin Assignment and Pin Type
The signal/pin assignments are listed in Table 2-1. Low active signals have a “-” prefix. Pin types are Input, Output or Input/
Output. Section 2.3 defines the DC characteristics for all input and output type structures.
2.1 Electrical Description
The CompactFlash card functions in three basic modes: 1) PC Card ATA using I/O Mode, 2) PC Card ATA using Memory
Mode and 3) True IDE Mode, which is compatible with most disk drives. The configuration of the CompactFlash card will be
controlled using the standard PCMCIA configuration registers starting at address 200H in the Attribute Memory space of the
storage card or for True IDE Mode, pin 9 being grounded.
Table 2-2 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that the Com-
pactFlash card sources are outputs. The CompactFlash card logic levels conform to those specified in the PCMCIA Release
2.1 and CFA Specification Rev. 1.4. As shown in Table 2-2, each signal has three possible operating modes: 1) PC Card
Memory, 2) PC Card I/O and 3) True IDE. All outputs from the card are totem pole except the data bus signals which are bi-
directional tri-state. Refer to Section 2.3 for definitions of Input and Output type.
Model Number
Density
Total Bytes
Cylinders
Heads
Sectors
SST48CF008
8 MB
8,028,160
245
2
32
SST48CF016
16 MB
16,023,552
489
2
32
SST48CF024
24 MB
24,051,712
367
4
32
SST48CF032
32 MB
32,047,104
489
4
32
SST48CF048
48 MB
48,037,888
733
4
32
SST48CF064
64 MB
64,028,672
977
4
32
SST48CF096
96 MB
96,075,776
733
8
32
SST48CF128
128 MB
128,057,344
977
8
32
SST48CF192
192 MB
192,151,552
733
16
32
SST48CF256
256 MB
256,114,688
977
16
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com