Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD016 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST58LD016
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST58LD016 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LD016 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
ATA-Disk Chip is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
ATA/IDE standard interface
– 512 Bytes per sector
– ATA command set compatible
– Support Data Transfer Speed up to PIO Mode-4
•
8, 16, 24, 32, 48, 64, 96, 128, and 192 MByte
capacities
•
600 mil 32-pin DIP package
•
Single Voltage Read and Write Operation
– 5.0V-only for SST58SDxxx
– 3.3V-only for SST58LDxxx
•
Supports 5.0-Volt or 3.3-Volt Read and Write
– 4.5-5.5V or 3.135-3.465V for Commercial
•
Low Power Consumption
– Active mode: 35 mA/55 mA (3.3V/5.0V)(typical)
– Sleep mode: 100 µA/150 µA (3.3V/5.0V)(typical)
•
Extended Data Protection and Security
– WP# pin for Data Protection
– Factory-Programmed, 20-Byte Unique ID number
•
Sustained Write Performance
– Up to 1.4 MB/sec (host to flash)
•
Controller Overhead Command to DRQ
– Less than 0.5 ms
•
Zero Power Data Retention
– Batteries not required for data storage
•Start Up Time
– Sleep to read: 200 ns (typical)
– Sleep to write: 200 ns (typical)
– Power-on to Ready: 200 ms (typical)
•
Support for Commercial Temperature Range
– 0°C to +70°C for Operating Commercial
– -50°C to +100°C for non-Operating (storage)
•
Extremely Rugged and Reliable
– Built-in ECC support corrects 3 Bytes of error
per 512 Byte sector
•
Intelligent ATA/IDE Controller
– Built-in microcontroller with intelligent firmware
– Built-in Embedded Flash File System
•
Power Management Unit
– Immediate disabling of unused circuitry
PRODUCT DESCRIPTION
SST’s ATA-Disk Chip (ADC) is a low cost, high perfor-
mance, embedded flash memory data storage system.
This product is well suited for solid state mass storage
applications offering new and expanded functionality while
enabling cost effective designs.
ATA-based solid state mass storage technology is widely
used in such products as portable and desktop computers,
digital cameras, music players, handheld data collection
scanners, cellular phones, PCS phones, PDAs, handy termi-
nals, personal communicators, advanced two-way pagers,
audio recorders, monitoring devices, and set-top boxes.
ADC provides complete IDE Hard Disk Drive functionality
and compatibility. ADC is a perfect solution to consumer
electronic products requiring smaller, but more reliable and
cost effective data storage. The ADC is read and written to
using a single power supply of 5.0V or 3.3V and is available
in 8 to 192 MByte capacities.
The ADC is a solid state disk drive that is designed to
replace conventional IDE hard disk drive and uses stan-
dard ATA/IDE protocol. It has built in microcontroller and file
management firmware that communicates with ATA stan-
dard interfaces; therefore, the ADC does not require addi-
tional or proprietary software such as Flash File System
(FFS) and Memory Technology Driver (MTD) software.
The ADC is designed to work at either 5V or 3.3V. The pin
assignment is designed to match existing IDE signal traces
on the motherboard. It uses standard ATA driver that is part
of all major OS such as Windows 95/98/2000/NT/CE,
MAC, UNIX, etc.
All signals, except WP#, are in compliance with the ATA
specifications. WP# is used to write protect the information
stored on the ADC. The WP# can be either connected to
motherboard write protect control logic or a jumper. When
WP# is low, the ADC is write protected to prohibit any inad-
vertent writes.
Every ADC comes with factory-programmed, 20-Byte long,
unique identification number for extended data protection.
This feature prevents unauthorized duplication by allowing
encryption of customer data.
The ADC is packaged in the 600 mil 32-pin DIP package
for easy and cost effective mounting to the system mother-
board.
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58SD/LDxxxATA-Disk Chip
8MB / 16MB / 24MB / 32MB / 48MB / 64MB / 96MB / 128MB / 192MB


Similar Part No. - SST58LD016

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
ATA-Disk Module
More results

Similar Description - SST58LD016

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
Value Added ATA Disk Module
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
ATA Disk Module 5S(ADM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com