Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFMT105-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CSFMT105-G
Description  Low Profile SMD Super Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFMT105-G Datasheet(HTML) 4 Page - Comchip Technology

  CSFMT105-G Datasheet HTML 1Page - Comchip Technology CSFMT105-G Datasheet HTML 2Page - Comchip Technology CSFMT105-G Datasheet HTML 3Page - Comchip Technology CSFMT105-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
S1
Marking Code
Marking Code
CSFMT101-G
XX
Page 4
REV: A
Comchip Technology CO., LTD.
SMD Diodes Specialist
QW-JS002
CSFMT103-G
CSFMT106-G
CSFMT107-G
S3
S6
S7
Standard Package
CSFMT104-G
S4
CSFMT102-G
S2
xx = Product type marking code
Suggested PAD Layout
SIZE
(inch)
0.118
(mm)
3.00
1.30
1.80
0.051
0.071
4.30
0.169
E
1.70
0.067
B
C
D
A
C
A
E
D
B
SOD-123H
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1
CSFMT105-G
S5
CSFMT108-G
S8
Low Profile SMD Super Fast Recovery Rectifiers
Case Type
REEL PACK (T/R)
3,000
SOD-123H
BOX
30,000
240,000
REEL
( EA )
CARTON
( EA )
(EA)
Reel Size
(inch)
7
Type Mat’l
Plastic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com