Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM024 Datasheet(PDF) 25 Page - Silicon Storage Technology, Inc

Part # SST58LM024
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM024 Datasheet(HTML) 25 Page - Silicon Storage Technology, Inc

Back Button SST58LM024 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LM024 Datasheet HTML 29Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
25
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.2.1.5 Idle - 97H or E3H
This command causes the ADM to set BSY, enter the Idle Mode, clear BSY and generate an interrupt. If the
sector count is non-zero, it is interpreted as a timer count with each count being 5 milliseconds and the
automatic power down mode is enabled. If the sector count is zero, the automatic power down mode is also
enabled, the timer count is set to 3, with each count being 5 ms. Note that this time base (5 msec) is different
from the ATA specification.
3.2.1.6 Idle Immediate - 95H or E1H
This command causes the ADM to set BSY, enter the Idle Mode, clear BSY and generate an interrupt.
3.2.1.7 Initialize Drive Parameters - 91H
This command enables the host to set the number of sectors per track and the number of heads per
cylinder. Only the Sector Count and the Drive/Head registers are used by this command.
Bit ->
76
54
32
10
Command (7)
97H or E3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
95H or E1H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
91H
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads-1)
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Number of Sectors
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com