Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM032 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST58LM032
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM032 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST58LM032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
15
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.0 SOFTWARE INTERFACE
3.1 ATA-Disk Module Drive Register Set Definitions and Protocol
3.1.1 ATA-Disk Module Addressing
The I/O decoding for an ADM is as follows:
3.1.2 ATA-Disk Module Registers
The following section describes the hardware registers used by the host software to issue commands to the ADM.
These registers are often collectively referred to as the “Task File Registers.”
3.1.2.1 Data Register
This 16-bit register is used to transfer data blocks between the device data buffer and the host. It is also the register
through which sector information is transferred on a Format Track command. Data transfer can be performed in
PIO mode.
3.1.2.2 Error Register (Read Only)
This register contains additional information about the source of an error when an error is indicated in bit 0 of the
Status register. The bits are defined as follows:
Bit 7 (BBK)
This bit is set when a Bad Block is detected.
Bit 6 (UNC)
This bit is set when an Uncorrectable Error is encountered.
Bit 5
This bit is 0.
Bit 4 (IDNF)
The requested sector ID is in error or cannot be found.
Bit 3
This bit is 0.
Bit 2 (Abort)
This bit is set if the command has been aborted because of an ADM status condition:
(Not Ready, Write Fault, etc.) or when an invalid command has been issued.
Bit 1
This bit is 0.
Bit 0 (AMNF) This bit is set in case of a general error.
TABLE
3-1: TASK REGISTERS
CS3FX#
CS1FX#
A2
A1
A0
IORD# = 0
IOWR# = 0
1
0
0
0
0
RD Data
WR Data
1
0
0
0
1
Error Register
Features
1
0
0
1
0
Sector Count
Sector Count
1
0
0
1
1
Sector No.
Sector No.
1
0
1
0
0
Cylinder Low
Cylinder Low
1
0
1
0
1
Cylinder High
Cylinder High
1
0
1
1
0
Select Card/Head
Select Card/Head
1
0
1
1
1
Status
Command
0
1
1
1
0
Alt Status
Device Control
0
1
1
1
1
Drive Address
Reserved
T3-1.0 519
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com