Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD064 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST58LD064
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD064 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST58LD064 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58LD064 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
21
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.3 Format Track - 50H
This command writes the desired head and cylinder of the selected drive with a vendor unique data
pattern (typically FFH or 00H). To remain host backward compatible, the ADC expects a sector buffer of
data from the host to follow the command with the same protocol as the Write Sector(s) command
although the information in the buffer is not used by the ADC. If LBA=1 then the number of sectors to
format is taken from the Sec Cnt register (0=256). The use of this command is not recommended.
3.2.1.4 Identify Drive - ECH
The Identify Drive command enables the host to receive parameter information from the ADC. This
command has the same protocol as the Read Sector(s) command. The parameter words in the buffer
have the arrangement and meanings defined in Table 3-4. All reserved bits or words are zero. Table 3-4
gives the definition for each field in the Identify Drive Information.
Bit ->
76
54
32
10
Command (7)
50H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
X (LBA 7-0)
Sec Cnt (2)
Count (LBA mode only)
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
ECH
C/D/H (6)
XX
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com