Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM048 Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

Part # SST58LM048
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM048 Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST58LM048 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LM048 Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.2.1.16 Set Multiple Mode - C6H
This command enables the ADM to perform Read and Write Multiple operations and establishes the
block count for these commands. The Sector Count Register is loaded with the number of sectors per
block. Upon receipt of the command, the ADM sets BSY to 1 and checks the Sector Count Register.
If the Sector Count Register contains a valid value and the block count is supported, the value is loaded
for all subsequent Read Multiple and Write Multiple commands and execution of those commands is
enabled. If a block count is not supported, an Aborted Command error is posted, and Read Multiple and
Write Multiple commands are disabled. If the Sector Count Register contains 0 when the command is
issued, Read and Write Multiple commands are disabled. At power on, or after a hardware or (unless
disabled by a Set Feature command) software reset, the default mode is Read and Write Multiple
disabled.
3.2.1.17 Set Sleep Mode - 99H or E6H
This command causes the ADM to set BSY, enter the Sleep mode, clear BSY and generate an
interrupt. Recovery from sleep mode is accomplished by simply issuing another command (a reset is
permitted but not required). Sleep mode is also entered when internal timers expire so the host does
not need to issue this command except when it wishes to enter Sleep mode immediately. The default
value for the timer is 15 milliseconds.
Bit ->
76
54
32
10
Command (7)
C6H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Sector Count
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
99H or E6H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com