Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76901HDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901HDBVT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76901HDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS76901HDBVT Datasheet HTML 8Page - Texas Instruments TPS76901HDBVT Datasheet HTML 9Page - Texas Instruments TPS76901HDBVT Datasheet HTML 10Page - Texas Instruments TPS76901HDBVT Datasheet HTML 11Page - Texas Instruments TPS76901HDBVT Datasheet HTML 12Page - Texas Instruments TPS76901HDBVT Datasheet HTML 13Page - Texas Instruments TPS76901HDBVT Datasheet HTML 14Page - Texas Instruments TPS76901HDBVT Datasheet HTML 15Page - Texas Instruments TPS76901HDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
V =V
1+
O
REF •
( R1
−
R2 )
R1=
( VO
−
V
REF
-1
)
• R2
VO
VI
OUT
FB
R2
GND
EN
IN
≤
0.9 V
≥1.7 V
TPS76901
1µF
3
1
4
2
R1
5
ESR = 0.2 Ω
4.7µF
TPS76901-HT
SLVS959C – JUNE 2009 – REVISED APRIL 2012
www.ti.com
Table 2. CAPACITOR SELECTION
PART NO.
MANUFACTURER
VALUE
MAX ESR(1)
SIZE (H x L x W)(1)
T494B475K016AS
KEMET
4.7
μF
1.5
Ω
1.9 x 3.5 x 2.8
195D106x0016x2T
SPRAGUE
10
μF
1.5
Ω
1.3 x 7.0 x 2.7
695D106x003562T
SPRAGUE
10
μF
1.3
Ω
2.5 x 7.6 x 2.5
TPSC475K035R0600
AVX
4.7
μF
0.6
Ω
2.6 x 6.0 x 3.2
(1)
Size is in mm. ESR is maximum resistance in Ohms at 100 kHz and TA = 25°C. Contact manufacturer for minimum ESR values.
OUTPUT VOLTAGE PROGRAMMING
The output voltage of the TPS76901 adjustable regulator is programmed using an external resistor divider as
shown in Figure 7. The output voltage is calculated using:
(1)
Where:
VREF = 1.16 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 7-
μA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose R2 = 169 k
Ω
to set the divider current at 7
μA and then calculate R1 using:
(2)
Note:
1.
The above calculations hold good for room temperature values only.
Figure 7. Adjustable LDO Reulator Programming
REGULATOR PROTECTION
The TPS76901 PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS76901 features internal current limiting protection. During normal operation, the TPS76901 limits output
current to approximately 350 mA. When current limiting engages, the output voltage scales back linearly until the
over current condition ends.
12
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com