Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR403AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPR403AL
Description  STMICROELECTRONICS Analog ICs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR403AL Datasheet(HTML) 1 Page - STMicroelectronics

  LPR403AL Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306
This page of product is compliant.
STMICROELECTRONICS Analog ICs
GYROSCOPES
mouser.com/st
© Copyright 2011 Mouser Electronics
© Copyright 2011 Mouser Electronics
ST’s complete family of single-axis (yaw) and two-axis (pitch-and-roll, pitch-and-yaw) MEMS gyroscopes offers the industry’s widest full-scale range, from 30 to 6000°/s.
The innovatively designed sensors can provide two separate outputs for each axis at the same time – an unamplified output value for general
detection of angular motion and a 4x amplification for high-resolution measurements that enhances design flexibility and the user experience.
Gyroscopes
511-STEVAL-MKI035V1
STEVAL-MKI035V1
MEMS analog output demonstration board for the LPY550AL, +/-500 /s and +/2000 /s, dual axis pitch and yaw gyro
511-STEVAL-MKI041V1
STEVAL-MKI041V1
Adapter board for digital/analog MEMS attachable to STM32-EVAL
511-STEVAL-MKI044V1
STEVAL-MKI044V1
MEMS analog output demonstration board for the LPR530AL, +/-300 /s and +/1200 /s, dual axis pitch and roll gyro
511-STEVAL-MKI047V1
STEVAL-MKI047V1
MEMS Analog Output Demonstration Board for the LY550ALH, +/-500 /s and +/2000 /s, Dual Axis Pitch and Yaw Gyro
511-STEVAL-MKI050V1
STEVAL-MKI050V1
LPR530AL adapter board designed to be plugged into a standard DIL24 socket
Accelerometers
511-STEVALMKI006V1
STEVAL-MKI006V1
MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL
511-STEVALMKI007V1
STEVAL-MKI007V1
MEMS Analog Output Low Power 3-Axis linear accelerometer based on LIS302ALB
511-STEVALMKI009V1
STEVAL-MKI009V1
LIS3LV02DL adapter board designed to be plugged into a standard DIL 20 socket
511-STEVALMKI010V1
STEVAL-MKI010V1
LIS3L02AS4 Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI011V1
STEVAL-MKI011V1
MEMS Analog Output Low Power 3-Axis linear accelerometer based on LIS302ALB
511-STEVALMKI012V1
STEVAL-MKI012V1
LIS3L02AS4 Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI016V1
STEVAL-MKI016V1
LIS302ALB Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI017V1
STEVAL-MKI017V1
LIS344AL adapter brd into DIL 20 SKT
511-STEVAL-MKI018V1
STEVAL-MKI018V1
MEMS 3-Axis 3.5g Analog Output Evaluation Board based on LIS344AL
511-STEVAL-MKI019V1
STEVAL-MKI019V1
LIS344AL Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI020V1
STEVAL-MKI020V1
LIS244AL Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI021V1
STEVAL-MKI021V1
MEMS 3-Axis ±2g Analog Output Evaluation Board based on LIS302SG
511-STEVAL-MKI024V1
STEVAL-MKI024V1
LIS302SG Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI029V1
STEVAL-MKI029V1
MEMS 3-Axis ±2g Analog Output Evaluation Board based on NANO Accelerometer LIS331AL
511-STEVAL-MKI030V1
STEVAL-MKI030V1
MEMS 3-axis 2g/8g smart digital output evaluation board based on nano accelerometer LIS331DL
511-STEVAL-MKI038V1
STEVAL-MKI038V1
Inclination analysis demonstration board based on the STM8S207R6 MCU and LIS331DLH MEMS
511-STEVAL-MKI032V1
STEVAL-MKI032V1
Vibration analysis demonstration board based on the STM8S207R6 MCU and LIS331DLH MEMS
511-STEVALMKI004V1
STEVAL-MKI004V1
MEMS 3-Axis ±2g/±8g Digital Output Low Voltage Linear Accelerometer. Board based on LIS3LV02DQ.
511-STEVALMKI005V1
STEVAL-MKI005V1
MEMS 3-Axis ±2g/±8g Digital Output Low Voltage Linear Accelerometer. Board based on LIS3LV02DL.
511-STEVALMKI006V1
STEVAL-MKI006V1
MEMS 3-Axis - ±2g/±8g Digital Output Low Power Linear Accelerometer. Evaluation Board based on LIS302DL.
511-STEVALMKI009V1
STEVAL-MKI009V1
LIS3LV02DL Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI013V1
STEVAL-MKI013V1
LIS302DL Adapter Board designed to be plugged into a standard DIL 24 socket
511-STEVAL-MKI014V1
STEVAL-MKI014V1
MEMS 3-Axis ±2g/±6g Analog Output Evaluation Board based on LIS344ALH
511-STEVAL-MKI015V1
STEVAL-MKI015V1
LIS344ALH Adapter Board designed to be plugged into a standard DIL 20 socket
511-STEVAL-MKI022V1
STEVAL-MKI022V1
MEMS 3-Axis ±2g /±8g Smart Digital Output Evaluation Board
511-STEVAL-MKI023V1
STEVAL-MKI023V1
Single-Axis =/-300°/s analog output yaw rate gyroscope Evaluation Board based on LISY300AL
Price Each
Description
MOUSER
STOCK NO.
STM
Part No.
ST MEMS-based acceleration sensors are all supported by their own evaluation kits that allow system designers to evaluate sensors performances and capabilities. The kit enables the acquisition,
through an analog or digital interface, of acceleration data sensed by accelerometers, with the support of a dedicated software in case of digital solution .
STMICROELECTRONICS PRODUCT EVALUATION BOARDS FOR MOTION SENSORS ( MEMS )
Single-Axis
511-LISY300AL
LISY300AL
LGA-28 7x7X1.5mm
3.3
3.3
2.7
3.0
3.6
511-LY3100ALH
LY3100ALH
LGA-10 3x5x1mm
1.1
1.1
2.7
3.0
3.6
511-LY3200ALH
LY3200ALH
LGA-10 3x5x1mm
0.67
0.67
2.7
3.0
3.6
511-LY330ALH
LY330ALH
LGA-10 3x5x1mm
3.752
3.752
2.7
3.0
3.6
511-LY503ALH
LY503ALH
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LY503ALHTR
LY503ALHTR
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LY510ALH
LY510ALH
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LY510ALHTR
LY510ALHTR
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LY5150AL
LY5150AL
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LY5150ALH
LY5150ALH
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LY5150ALHTR
LY5150ALHTR
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LY530ALH
LY530ALH
LGA-16 5x5x1.5mm
3.33
0.83
2.7
3.0
3.6
511-LY550ALH
LY550ALH
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
511-LY550ALHTR
LY550ALHTR
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
Dual-Axis
511-LPR403AL
LPR403AL
LGA-28 4x5X1mm
33.3
8.3
2.7
3.0
3.6
511-LPR410AL
LPR410AL
LGA-28 4x5X1mm
10
2.5
2.7
3.0
3.6
511-LPR4150AL
LPR4150AL
LGA-28 4x5X1mm
0.67
0.167
2.7
3.0
3.6
511-LPR430AL
LPR430AL
LGA-28 4x5X1mm
3.33
0.83
2.7
3.0
3.6
511-LPR450AL
LPR450AL
LGA-28 4x5X1mm
2.0
0.5
2.7
3.0
3.6
511-LPR503AL
LPR503AL
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LPR503ALTR
LPR503ALTR
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LPR510AL
LPR510AL
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LPR510ALTR
LPR510ALTR
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LPR5150AL
LPR5150AL
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LPR5150ALTR
LPR5150ALTR
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LPR530AL
LPR530AL
LGA-16 5x5x1.5mm
3.33
0.83
2.7
3.0
3.6
511-LPR530ALTR
LPR530ALTR
LGA-16 5x5x1.5mm
3.33
0.83
2.7
3.0
3.6
511-LPR550AL
LPR550AL
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
511-LPR550ALTR
LPR550ALTR
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
511-LPY403AL
LPY403AL
LGA-28 4x5X1mm
33.3
8.3
2.7
3.0
3.6
511-LPY410AL
LPY410AL
LGA-28 4x5X1mm
10.0
2.5
2.7
3.0
3.6
511-LPY4150AL
LPY4150AL
LGA-28 4x5X1mm
0.67
0.167
2.7
3.0
3.6
511-LPY430AL
LPY430AL
LGA-28 4x5X1mm
3.33
0.83
2.7
3.0
3.6
511-LPY450AL
LPY450AL
LGA-28 4x5X1mm
2.0
0.5
2.7
3.0
3.6
511-LPY503AL
LPY503AL
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LPY503ALTR
LPY503ALTR
LGA-16 5x5x1.5mm
33.3
8.3
2.7
3.0
3.6
511-LPY510AL
LPY510AL
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LPY510ALTR
LPY510ALTR
LGA-16 5x5x1.5mm
10.0
2.5
2.7
3.0
3.6
511-LPY5150AL
LPY5150AL
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LPY5150ALTR
LPY5150ALTR
LGA-16 5x5x1.5mm
0.67
0.167
2.7
3.0
3.6
511-LPY530AL
LPY530AL
LGA-16 5x5x1.5mm
3.33
0.83
2.7
3.0
3.6
511-LPY530ALTR
LPY530ALTR
LGA-16 5x5x1.5mm
3.33
0.83
2.7
3.0
3.6
511-LPY550AL
LPY550AL
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
511-LPY550ALTR
LPY550ALTR
LGA-16 5x5x1.5mm
2.0
0.5
2.7
3.0
3.6
Price Each
1
10
Package
Type
MOUSER
STOCK NO.
For quantities of 500 and up, call for quote.
STM
Part No.
Amplified
Not Amplified
(min)
(typ)
(max)
Sensitivity (mV/dps)
Supply Voltage
100
asia.pacific@mouser.com


Similar Part No. - LPR403AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±30 dps analog gyroscope
29-Oct-2009
LPR403ALTR STMICROELECTRONICS-LPR403ALTR Datasheet
262Kb / 14P
MEMS motion sensor: dual-axis pitch and roll ±30 dps analog gyroscope
29-Oct-2009
More results

Similar Description - LPR403AL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6308 PANASONIC-AN6308 Datasheet
27Kb / 2P
Analog Switch ICs for VCR
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
ANALOG SWITCH ARRAY ICs
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
ANALOG SWITCH ICS FOR RGB INTERFACE
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
Analog Switch ICs for RGB Interface
logo
Vishay Siliconix
DG3514DB VISHAY-DG3514DB Datasheet
19Kb / 1P
Device Orientation Options for Analog ICs
05-Apr-05
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
Mounting instructions for STMicroelectronics
21-Jul-2014
AN394 STMICROELECTRONICS-AN394 Datasheet
77Kb / 10P
Within STMicroelectronics
Jun-1998
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
STMicroelectronics has been strongly
06-Feb-2008
AN2504 STMICROELECTRONICS-AN2504 Datasheet
130Kb / 14P
Using STMicroelectronics Voltage Detectors
06-Feb-2007
TN0891 STMICROELECTRONICS-TN0891 Datasheet
162Kb / 3P
STMicroelectronics embeds EK certificates
20-Nov-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com