Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
APPLICATION INFORMATION
SETTING THE GAIN
A
1
A
2
A
3
6
150kW
150kW
150kW
150kW
7
4
3
8
1
2
V
IN-
V
IN+
R
G
V+
V-
INA333
G=1+
100kW
R
G
5
RFIFilter
50kW
50kW
RFIFilter
Load
V =G
(V
´
V
-
)
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
R
G
Alsodrawninsimplifiedform:
INA333
Ref
V
O
V
IN-
V
IN+
Ref
RFIFilter
RFIFilter
INA333
www.ti.com ..................................................................................................................................................... SBOS445B – JULY 2008 – REVISED OCTOBER 2008
Figure 32 shows the basic connections required for
Table 1 lists several commonly-used gains and
operation of the INA333. Good layout practice
resistor values. The 100k
Ω term in Equation 1 comes
mandates the use of bypass capacitors placed close
from the sum of the two internal feedback resistors of
to the device pins as shown.
A1 and A2. These on-chip resistors are laser trimmed
to accurate absolute values. The accuracy and
The output of the INA333 is referred to the output
temperature coefficient of these resistors are included
reference
(REF)
terminal,
which
is
normally
in the gain accuracy and drift specifications of the
grounded. This connection must be low-impedance to
INA333.
assure good common-mode rejection. Although 15
Ω
or less of stray resistance can be tolerated while
The stability and temperature drift of the external gain
maintaining specified CMRR, small stray resistances
setting resistor, RG, also affects gain. The contribution
of tens of ohms in series with the REF pin can cause
of RG to gain accuracy and drift can be directly
noticeable degradation in CMRR.
inferred from the gain Equation 1. Low resistor values
required for high gain can make wiring resistance
important. Sockets add to the wiring resistance and
contribute additional gain error (possibly an unstable
Gain of the INA333 is set by a single external
gain error) in gains of approximately 100 or greater.
resistor, RG, connected between pins 1 and 8. The
To ensure stability, avoid parasitic capacitance of
value of RG is selected according to Equation 1:
more than a few picofarads at the RG connections.
Careful matching of any parasitics on both RG pins
G = 1 + (100k
Ω/RG)
(1)
maintains optimal CMRR over frequency.
Figure 32. Basic Connections
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com