Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245IDGGREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CALVC164245IDGGREP
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVC164245IDGGREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CALVC164245IDGGREP Datasheet HTML 7Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 8Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 9Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 10Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 11Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 12Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 13Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 14Page - Texas Instruments CALVC164245IDGGREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
tPLH
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
VCCB
Open
GND
500
Ω
500
Ω
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
VCCB
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
2.7 V
0 V
50% VCCB
50% VCCB
VOH
VOL
0 V
20% VCCB
50% VCCB
80% VCCB
0 V
Input
2.7 V
≈VCCB
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
VCCB
GND
TEST
S1
50% VCCB
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
V
CCA = 3.3 V ± 0.3 V to VCCB = 5 V ± 0.5 V
Figure 3. Load Circuit and Voltage Waveforms
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com