Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245IDLREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CALVC164245IDLREP
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVC164245IDLREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CALVC164245IDLREP Datasheet HTML 3Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 4Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 5Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 6Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 7Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 8Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 9Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 10Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
CALVC16245I
VCCB = 3.3 V
VCCB = 5 V ± 0.5 V
± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
VCCA = 2.5 V
VCCA = 3.3 V
VCCA = 2.7 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
A
B
7.6
5.9
1
5.8
tpd
ns
B
A
7.6
6.7
1.2
5.8
ten
OE
B
11.5
9.3
1
8.9
ns
tdis
OE
B
10.5
9.2
2.1
9.5
ns
ten
OE
A
12.3
10.2
2
9.1
ns
tdis
OE
A
9.3
9
2.9
8.6
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
CALVC16245M
VCCB = 3.3 V
VCCB = 5 V ± 0.5 V
± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
VCCA = 2.5 V
VCCA = 3.3 V
VCCA = 2.7 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
A
B
8.6
6.9
1
6.8
tpd
ns
B
A
8.6
7.7
1.2
6.8
ten
OE
B
12.5
10.3
1
9.9
ns
tdis
OE
B
11.5
10.2
2.1
10.5
ns
ten
OE
A
14.5
11.2
2
10.1
ns
tdis
OE
A
11.3
11
2.9
10.6
ns
T
A = 25°C
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
TEST CONDITIONS
VCCA = 2.5 V
VCCA = 3.3 V
UNIT
TYP
TYP
Outputs enabled (B)
55
56
CL = 50 pF,
f = 10 MHz
Outputs disabled (B)
27
6
Cpd
Power dissipation capacitance
pF
Outputs enabled (A)
118
56
CL = 50 pF,
f = 10 MHz
Outputs disabled (A)
58
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com