Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWHW10G-0202-T-R Datasheet(PDF) 32 Page - Texas Instruments

Part # AWHW10G-0202-T-R
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW10G-0202-T-R Datasheet(HTML) 32 Page - Texas Instruments

Back Button AWHW10G-0202-T-R Datasheet HTML 28Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 29Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 30Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 31Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 32Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 33Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 34Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 35Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
www.ti.com
Bill of Materials
9
Bill of Materials
The EVM components list according to the schematic shown in .
Table 6. PWR091 Bill of Materials
Qty
Reference Designator
Description
Manufacturer
Part Number
2
C23 C27
0.47uF, Ceramic, 16V, X5R, 10%, 0402
STD
STD
3
C1 C5 C9
0.1uF, Ceramic, 50V, X7R, 10%, 0603
STD
STD
3
C10-12
1.0uF, Ceramic, 25V, X7R, 10%, 0603
STD
STD
2
C21 C25
1.2nF, Ceramic, 50V, X7R, 10%, 0603
STD
STD
2
C24 C33
470pF, Ceramic, 50V, X7R, 10%, 0603
STD
STD
2
C26 C22
120pF, Ceramic, 50V, NP0, 5%, 0603
STD
STD
6
C31-32 C30 C34-35 C37
1000pF, Ceramic, 50V, X7R, 10%, 0603
STD
STD
4
C19-20 C42-43
22uF, Ceramic, 6.3V, X5R, 20%, 0805
STD
STD
2
C38-39
0.1uF, Ceramic, 6.3V, X5R, 20%, 0805
STD
STD
9
C2-4 C6-8 C36 C40-41
22uF, Ceramic, 25V, X5R, 20%, 1210
STD
STD
6
C18 C15 C44-47
100uF, Ceramic, 6.3V, X5R, 20%, 1210
STD
STD
2
C28-29
330uF, Electrolytic, Aluminum, 25V, 200mohm, 270mArms, 0.406 x 0.406
Panasonic
EEE-TK1E331UP
4
C13-14 C16-17
330uF, Polymer Cap, 330uF, 6.3V, 0.015 Ohms, 20%, 7343(D)
Kemet
T520D337M006ATE015
4
J4 J6-8
33457, Lug, Solderless, #10 - #10-12 AWG, Copper/Tin, Uninsulated, 0.375 x1.00
"
Std
CX35-36-CY
2
D1-2
MBRS340, Diode, Schottky, 3A, 40V, SMC
Fairchild
MBRS340
2
J1-2
PEC02SAAN, Header, Male 2-pin, 100mil spacing,, 0.100
" x 2
Sullins
PEC02SAAN
1
J3
AWHW10G, Header, Male 2x5-pin, 100mil spacing, 0.100
" x 5 X 2
Assmann
AWHW10G-0202-T-R
2
L1-2
820nH, Inductor, SMT, 27A, Shielded, 20%, 0.9mOhm, 0.512
" x 0.571"
Wurth
744355182
2
R1 R4
5.1, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
1
R3
0, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
1
R2
0, Resistor, Chip, 1/10W, 5%, 0603
STD
STD
2
R5-6
2.0k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
0
R7 R16 R21-23 R34
Open, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
3
R12 R13 R38
47.5k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
2
R8-9
36.5k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
11
R17 R18 R20 R24-26 R28-30 R33
10, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
R36
1
R10
40.2k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
3
R11 R27 R31
49.9, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
2
R15 R32
20k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
1
R35
10.5k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
3
R19 R37 R40
10.0k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
2
R14 R39
4.75k, Resistor, Chip, 1/10W, 1%, 0603
STD
STD
1
J5
ED120/2DS, Terminal Block, 2-pin, 15-A, 5.1mm, 0.40
" x 0.35"
OST
ED120/2DS
1
U1
TPS40422RHA, IC, PMBUS synchronous buck controller, QFN-40
TI
TPS40422RHA
2
Q1-2
CSD87350Q5D, MOSFET, Dual N-Chan, 30-V, 30-A, QFN-8 POWER
TI
CSD87350Q5D
2
Q3-4
MMBT3904, Bipolar, NPN, 40V, 200mA, 200mW, SC-75
On Semi
MMBT3904TT1G
1
PCB
PCB, FR-4, 0.062, 2oz Copper all layers., 4.00
" x 4.00"
STD
STD
33
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com