Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87350Q5D Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87350Q5D
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87350Q5D Datasheet(HTML) 16 Page - Texas Instruments

Back Button CSD87350Q5D Datasheet HTML 12Page - Texas Instruments CSD87350Q5D Datasheet HTML 13Page - Texas Instruments CSD87350Q5D Datasheet HTML 14Page - Texas Instruments CSD87350Q5D Datasheet HTML 15Page - Texas Instruments CSD87350Q5D Datasheet HTML 16Page - Texas Instruments CSD87350Q5D Datasheet HTML 17Page - Texas Instruments CSD87350Q5D Datasheet HTML 18Page - Texas Instruments CSD87350Q5D Datasheet HTML 19Page - Texas Instruments CSD87350Q5D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
I
- Output Current - A
O
V = 8 V
I
V = 12 V
I
V = 14 V
I
V
= 1.2 V,
F
= 300 kHz
O
SW
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
I
- Output Current - A
O
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
V = 8 V
I
V = 12 V
I
V = 14 V
I
V
= 3.3 V,
F
= 300 kHz
O
SW
www.ti.com
Performance Data and Typical Characteristic Curves
7.1
Efficiency
Figure 5. Efficiency of 1.2-V Output vs Line and Load
Figure 6. Efficiency of 3.3-V Output vs Line and Load
17
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com