Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 7 Page - Texas Instruments

Part # 5000
Description  bq2026 Evaluation Software
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments 5000 Datasheet HTML 10Page - Texas Instruments 5000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
bq2026EVM Circuit Module Performance Specification Summary
Table 2. Bill of Materials (continued)
Count
RefDes
Description
Size
MFR
Part Number
1
U1
bq2026, IC, 1.5K Serial EPROM With SDQ Interface
SOT-23
TI
bq2026DBZR
6
bq2026EVM Circuit Module Performance Specification Summary
Table 3. Performance Specification Summary
Specification
Min
Typ
Max
Unit
Voltage Pullup (V
UP)
2.65
5.5
V
Programming Voltage(V
PP)
11.5
12
V
7
bq2026EVM Hardware and Software Setup
7.1
Drivers and Software Installation`
This section describes how to install the bq2026EVM PC software and how to connect the different
components of the EVM.
Perform the following steps to install the bq2026 evaluation software:
1. Insert the CD ROM into a CD ROM drive.
2. Select the CD ROM drive using My Computer or File Manager.
3. Select the ReadMeFirst.txt file.
4. Select the Software/EV2300 Drivers directory of the CD, and run SETUP.EXE.
5. Plug the EV2300 into a USB port.
6. Wait until system prompt new hardware found appears. Choose select location manually, and use the
browse button to point to C:\WINDOWS\TI\USB1.
7. Answer continue to the warning that drivers are not certified with Microsoft.
8. After installation finishes, another system prompt new hardware found appears. Repeat preceding
procedure, but point to C:\WINDOWS\TI\USB2.
9. Answer continue to the warning that drivers are not certified with Microsoft. Installation of drivers is
now finished.
10. For Windows 98, point to directory TIUSBWin98.
11. After installing the USB drivers for EV2300, double-click on the Setup.exe icon that is under the
Software/bq2026 Evaluation Software folder.
12. Follow the instructions on screen during the installation of evaluation software.
13. The setup program installs a Windows application group.
7.2
Hardware Connection
The bq2026EVM has three hardware components:
1. The bq2026EVM circuit module
2. The PC interface board, (EV2300)
3. The PC
Perform the following steps to configure the hardware for interface to the PC:
1. Connect the bq2026EVM board with the EV2300 PC interface board using Table 4 as a pin connection
guide.
2. Connect the USB cable to the EV2300 and the PC USB port.
The bq2026EVM is now set up for normal operation.
7
SLUU763
– December 2011
bq2026 Evaluation Software
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com