Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R806P-FE2L-2000-B Datasheet(PDF) 34 Page - YAMAHA CORPORATION

Part # Y-CONC-R806P-FE2L-2000-B
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R806P-FE2L-2000-B Datasheet(HTML) 34 Page - YAMAHA CORPORATION

Back Button Y-CONC-R806P-FE2L-2000-B Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R806P-FE2L-2000-B Datasheet HTML 38Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
33
Part Number
Memory Size
*Y-ConUSB-Stick-3
2GB
Y-ConUSB Peripherals
Description:
IP67/68/69K, USB stick with 2GB of flash memory.
For use with Y-ConFlange-**-*
IP67/68/69K USB-Stick mit 2GB Flash-Speicher.
Für den Einsatz mit Y-ConFlange-**-*
Material:
Body
PBT, UL94V-0
Gehäuse
Seal
FKM (Viton®)
Dichtung
Moulding
Macromelt, halogen free
Vergussmasse
Fixing clips
Stainless Steel
Rasthaken
Colour:
Blue
Farbe
Specifications:
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
Outline Dimensions
Series
3 = 2MB
Y-ConUSB-Stick - 3
Part Number (Details)
* For minimum order quantity please contact Yamaichi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com