Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 11 Page - Texas Instruments

Part # 5000
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments 5000 Datasheet HTML 10Page - Texas Instruments 5000 Datasheet HTML 11Page - Texas Instruments 5000 Datasheet HTML 12Page - Texas Instruments 5000 Datasheet HTML 13Page - Texas Instruments 5000 Datasheet HTML 14Page - Texas Instruments 5000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
www.ti.com
4.3
Front Page Indicators and Functions
TLV320AIC3104EVM Software
Figure 2 illustrates the main screen of the EVM software. The indicators and buttons located above the
tabbed section of the front page are visible regardless of which tab is currently being selected.
At the top left of the screen is an Interface indicator. This indicator shows which interface is selected for
controlling the TLV320AIC3104, either I2C or SPI.
To the right of the Interface indicator is a group box called . This box indicates where the firmware being
used is operating from—in this release, the firmware is on the USB-MODEVM, so the user should see
USB-MODEVM in the box labeled Located On:. The version of the firmware appears in the Version box
below this.
To the right, the next group box contains controls for resetting the TLV320AIC3104. A software reset can
be done by writing to a register in the TLV320AIC3104, and this is accomplished by pushing the button
labeled Software Reset. The TLV320AIC3104 also may be reset by toggling a pin on the
TLV320AIC3104, which is done by pushing the Hardware Reset button.
CAUTION
In order to perform a hardware reset, the RESET jumper (JMP19) must be
installed and SW2-7 on the USB-MODEVM must be turned OFF. Failure to do
either of these steps results in not generating a hardware reset or causing
unstable operation of the EVM, which may require cycling power to the
USB-MODEVM.
Below the Firmware box, the Device Connected LED should be green when the EVM is connected. If the
indicator is red, the EVM is not properly connected to the PC. Disconnect the EVM and verify that the
drivers were correctly installed, then reconnect and try restarting the software.
One the upper right portion of the screen, several indicators are located which provide the status of
various portions of the TLV320AIC3104. These indicators are activated by pressing the Indicator
Updates button below the Device Connected LED. These indicators, as well as the other indicators on
this panel, are updated only when the software's front panel is inactive, once every 20ms.
The ADC Overflow and DAC Overflow indicators light when the overflow flags are set in the
TLV320AIC3104. Below these indicators are the AGC Noise Threshold Exceeded indicators that show
when the AGC noise threshold is exceeded. To the far right of the screen, the Short Circuit Detect
indicators show when a short-circuit condition is detected, if this feature has been enabled. Below the
short-circuit indicators, the AGC Gain Applied indicators use a bar graph to show the amount of gain
which has been applied by the AGC, and indicators that light when the AGC is saturated.
SLAU218 – August 2007
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com