Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C005YJR05ABSTR Datasheet(PDF) 2 Page - AVX Corporation

Part # C005YJR05ABSTR
Description  Ultra-Miniature 01005 Size Accu-P짰
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YJR05ABSTR Datasheet(HTML) 2 Page - AVX Corporation

  C005YJR05ABSTR Datasheet HTML 1Page - AVX Corporation C005YJR05ABSTR Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Ultra-Miniature 01005 Size Accu-P
®
Thin-Film RF Microwave Capacitor
Tolerances
Capacitance
Z = ±0.01pF
TC
Voltage
[pF]
Part Number
P = ±0.02pF
J = ±30ppm/ºC
(V)
Q = ±0.03pF
K = ±60ppm/ºC
A = ±0.05pF
0.05
C005YJR05_BSTR
Z, P, Q, A
J
16
0.10
C005YJ0R1_BSTR
Z, P, Q, A
J
16
0.15
C005YJR15_BSTR
Z, P, Q, A
J
16
0.20
C005YJ0R2_BSTR
Z, P, Q, A
J
16
0.25
C005YJR25_BSTR
Z, P, Q, A
J
16
0.30
C005YJ0R3_BSTR
Z, P, Q, A
J
16
0.35
C005YJR35_BSTR
Z, P, Q, A
J
16
0.40
C005YJ0R4_BSTR
Z, P, Q, A
J
16
0.45
C005YJR45_BSTR
Z, P, Q, A
J
16
0.50
C005YJ0R5_BSTR
Z, P, Q, A
J
16
0.55
C005YJR55_BSTR
P, Q, A
J
16
0.60
C005YJ0R6_BSTR
P, Q, A
J
16
0.65
C005YJR65_BSTR
P, Q, A
J
16
0.70
C005YJ0R7_BSTR
P, Q, A
J
16
0.75
C005YJR75_BSTR
P, Q, A
K
16
0.80
C005YK0R8_BSTR
P, Q, A
K
16
0.85
C005YKR85_BSTR
P, Q, A
K
16
Tolerances
Capacitance
Z = ±0.01pF
TC
Voltage
[pF]
Part Number
P = ±0.02pF
J = ±30ppm/ºC
(V)
Q = ±0.03pF
K = ±60ppm/ºC
A = ±0.05pF
0.90
C005YK0R9_BSTR
P, Q, A
K
16
0.95
C005YKR95_BSTR
P, Q, A
K
16
1.00
C005YK1R0_BSTR
P, Q, A
K
16
1.10
C005YK1R1_BSTR
P, Q, A
K
16
1.20
C005YK1R2_BSTR
P, Q, A
K
16
1.30
C005YK1R3_BSTR
P, Q, A
K
16
1.40
C005YK1R4_BSTR
P, Q, A
K
16
1.50
C005YK1R5_BSTR
P, Q, A
K
16
1.60
C005YK1R6_BSTR
P, Q, A
K
16
1.70
C005YK1R7_BSTR
P, Q, A
K
16
1.80
C005YK1R8_BSTR
P, Q, A
K
16
1.90
C005YK1R9_BSTR
P, Q, A
K
16
2.00
C005YK2R0_BSTR
P, Q, A
K
16
2.10
C005YK2R1_BSTR
P, Q, A
K
16
2.20
C005YK2R2_BSTR
P, Q, A
K
16
2.30
C005YK2R3_BSTR
P, Q, A
K
16
2.40
C005YK2R4_BSTR
P, Q, A
K
16
ACCU-P® 01005 CAPACITANCE RANGE
Intermediate capacitance values are available
L
0.405 ± 0.020
(0.016 ± 0.001)
W
0.215 ± 0.020
(0.0085 ± 0.001)
T
0.145 ± 0.020
(0.006 ± 0.001)
B
Top (B1): 0.0 +0.10/-0.0
(0.0 +0.004/-0.0)
Bottom (B2): 0.10 ± 0.03
(0.004 ± 0.001)
DIMENSIONS - mm (inches)
PACKAGING SPECIFICATION - mm (inches)
RECOMMENDED
PAD LAYOUT - mm (inches)
L
T
B1
W
B2
2.00 (0.079)
4.00 (0.157)
2.00 (0.079)
2.00 (0.079)
0.17 (0.007)
0.20 (0.008)
0.22
(0.009)
Standard Packaging: 5,000 / 10,000 / 20,000pcs in 4" / 7" reels
Materials: Reel – Polystyrene
Tape – Paper: 8.00 (0.315)
Component pitch: 2.00 (0.079)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com