Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C005YJR25ABSTR Datasheet(PDF) 1 Page - AVX Corporation

Part # C005YJR25ABSTR
Description  Ultra-Miniature 01005 Size Accu-P짰
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YJR25ABSTR Datasheet(HTML) 1 Page - AVX Corporation

  C005YJR25ABSTR Datasheet HTML 1Page - AVX Corporation C005YJR25ABSTR Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Ultra-Miniature 01005 Size Accu-P
®
Thin-Film RF Microwave Capacitor
ACCU-P® TECHNOLOGY
The use of silicon oxide, a very low - loss dielectric material, in conjunction with
highly conductive electrode metals, results in low ESR and high Q. These high -
frequency characteristics change at a slower rate with increasing frequency than
for ceramic microwave capacitors.
ACCU-P
® meets the fast - growing demand for low - loss (high - Q) capacitors for
use in surface mount technology, especially for the wireless communications
market at frequencies up to and above 5.8GHz.
ACCU-P
® is currently unique in its ability to offer very low capacitance values (0.05
pF) and ultra tight capacitance tolerances (±0.01 pF).
C005
Series
X
Temperature
Coefficient
XXX
Capacitance
(pF)
X
Tolerance
B
Accu-P
S
Lead Free
Termination
TR
Packaging
Code
5000 pc reel
TR/10K = 10,000 pc reel
TR/20K = 20,000 pc reel
Y
Voltage
Y = 16V
HOW TO ORDER
P/N Example: C 0 0 5 Y K 1 R 0 A B S T R
QUALITY AND RELIABILITY
Finished parts are tested for standard electrical parameters and visual / mechanical characteristics.
Each production lot is 100%
evaluated for:
• Capacitance
• Q Factor
• DWV at 12.5xVRATED
Each production lot is evaluated
on a sample basis for:
• Dimensions
• Insulation Resistance
• Breakdown Voltage
• ESR
• Solderability
In addition, production is periodically
evaluated for:
• Mechanical stability
• Endurance (Life)
• Temperature Coefficient
• Accelerated Damp Heat Load (THB)
• Temperature Cycling
FEATURES
• Ultra Miniature standard 01005 chip size.
• Ultra tight capacitance tolerances (±0.01pF).
• Low ESR and high Q at VHF, UHF and microwave frequencies.
• TC ±30, ±60ppm/°C.
• Nickel/Solder - coated terminations provide excellent solderability and leach
resistance.
• High insulation resistance: IR ≥ 10
10 Ohm.
• Orientation provides high SRF uniformity.
• Repeatable CEFF, ESR and Q vs. Frequency parameters, both lot to lot and
within lots, for increased production yields.
APPLICATIONS
•
RF Modules
•
Mobile communications
•
Satellite TV
•
Global positioning systems
•
Filters
•
VCO’s
•
Matching networks


Similar Part No. - C005YJR25ABSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
C005YJ4R7ABSTR500 AVX-C005YJ4R7ABSTR500 Datasheet
1Mb / 25P
Thin-Film Technology
C005YJ4R7ABTTR500 AVX-C005YJ4R7ABTTR500 Datasheet
1Mb / 25P
Thin-Film Technology
C005YJ4R7ABWTR500 AVX-C005YJ4R7ABWTR500 Datasheet
1Mb / 25P
Thin-Film Technology
C005YJ4R7BBSTR500 AVX-C005YJ4R7BBSTR500 Datasheet
1Mb / 25P
Thin-Film Technology
C005YJ4R7BBTTR500 AVX-C005YJ4R7BBTTR500 Datasheet
1Mb / 25P
Thin-Film Technology
More results

Similar Description - C005YJR25ABSTR

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
TCXO ULTRA MINIATURE SIZE LOW PROFILE
XV-8100CB EPSONTOYOCOM-XV-8100CB Datasheet
488Kb / 2P
ULTRA MINIATURE SIZE GYRO SENSOR
logo
AVX Corporation
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
F0603G0R05FNTR AVX-F0603G0R05FNTR Datasheet
92Kb / 4P
MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
C005 AVX-C005 Datasheet
128Kb / 2P
Ultra-Miniature 01005 Size Accu-P
logo
PETERMANN-TECHNIK
SMD02502 PETERMANN-SMD02502_15 Datasheet
683Kb / 4P
Ultra miniature size and lightweight
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
logo
TECH PUBLIC Electronics...
ESD5V0B5-01005 TECHPUBLIC-ESD5V0B5-01005 Datasheet
869Kb / 6P
01005 Size 1-Line ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com