Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAV0010DP Datasheet(PDF) 1 Page - AVX Corporation

Part # MAV0010DP
Description  Miniature AC Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MAV0010DP Datasheet(HTML) 1 Page - AVX Corporation

  MAV0010DP Datasheet HTML 1Page - AVX Corporation MAV0010DP Datasheet HTML 2Page - AVX Corporation MAV0010DP Datasheet HTML 3Page - AVX Corporation MAV0010DP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Miniature AC Varistor
__________________________________________________________________________________________
AVX introduces Miniature AC varistors for use in automotive applications.
MAV series devices are an ideal solution to transient suppression in LC
resonant circuits intended for signal & power transfer. The AVX part
provides low loss in the resonant circuit yet is able to clamp large amounts
of transients in a bidirectional manner.
The ability to handle large transients makes the MAV series useful in low
power AC circuit protection as well. Applications including: AC sampling
circuitry, transformer secondaries, and GFI modules.
MAV
002
0
D
P
Miniature AC
Case
Capacitance
Reel Size
Termination
Varistor
Size
0 = Low
D = 7
″ reel (1k)
P = Plated Sn over
001 = 0603
R = 7
″ reel (4k)
Ni Barrier
002 = 0405
T = 13
″ reel (10k)
AVX Part
Number
VW(DC)
VW(AC)
VB
VC
IVC
IP
ET
IL
Cap
# of
Elements
MAV0010
70
50
120
±15%
225
1
2
0.015
10
22pF
max
1
MAV0020
70
50
120
±15%
225
1
3
0.02
10
8pF
max
2
VW(DC) DC Working Voltage [V]
IP
Peak Current [A, 8x20µS]
VW(AC) AC Working Voltage [V]
ET
Transient Energy (J)
VB
Typical Breakdown Votage [V @ 1mADC]
IL
Maximum leakage current at the working voltage [µA]
VC
Clamping Votage [V @ IVC]
Cap
Maximum capacitance @ 1MHz and 0.5VRMS
IVC
Test Current for VC [A, 8x20µS]


Similar Part No. - MAV0010DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MAV0010DP AVX-MAV0010DP Datasheet
354Kb / 4P
Miniature AC Varistor ??MAV Low Power AC Circuit Protection
MAV0010DP AVX-MAV0010DP Datasheet
125Kb / 3P
Low Power AC and Low Capacitance DC Circuit Protection
More results

Similar Description - MAV0010DP

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
logo
AVX Corporation
MAV0020WP AVX-MAV0020WP Datasheet
88Kb / 3P
Miniature AC Varistor ??MAV
MAV0040WP AVX-MAV0040WP Datasheet
354Kb / 4P
Miniature AC Varistor ??MAV Low Power AC Circuit Protection
logo
Total Power Internation...
MAV0020WP TOTAL-POWER-MAV0020WP Datasheet
125Kb / 3P
Miniature AC Varistor ??MAV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com