Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECW Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ECW
Description  Non-Contacting Magnetic Encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ECW Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ECW Datasheet HTML 1Page - Bourns Electronic Solutions ECW Datasheet HTML 2Page - Bourns Electronic Solutions ECW Datasheet HTML 3Page - Bourns Electronic Solutions ECW Datasheet HTML 4Page - Bourns Electronic Solutions ECW Datasheet HTML 5Page - Bourns Electronic Solutions ECW Datasheet HTML 6Page - Bourns Electronic Solutions ECW Datasheet HTML 7Page - Bourns Electronic Solutions ECW Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bourns® Model EMS22 Product Description
Bourns® Model EMS22 is a non-contacting rotary
magnetic encoder with a Hall Effect application-
specific standard product (ASSP) capable of
producing four distinct output waveforms. These
waveforms include 2-bit quadrature up to 256 PPR*,
Step/Direction up to 512 PPR, Pulse-Width
Modulated (PWM) output with 1024 positions, and
Absolute with 1024 positions.
Model EMS22 is available in both a 3.3 and 5.0 Vdc
supply voltage and is offered in two different
versions. This product has the capability of rotating
up to 10,000 RPM while maintaining code accuracy,
making it suitable for MMI applications such as
industrial automation. This performance is achieved
by utilizing dual ball bearings in the construction of
the device, resulting in extended rotational life up to
100,000,000 shaft revolutions (beyond 100,000,000
shaft revolutions in some configurations).
The EMS22 non-contacting encoder is ideal for
use in harsh environments where extreme levels of
temperature, moisture and particles are present. The
outstanding performance of this device is attributed
to the non-contacting technology and superior
performance of the austriamicrosystems® AS5040
Hall Effect ASSP. In addition, this product is sealed
to IP** 65 with an optional upgrade to IP 67.
The EMS22 is RoHS compliant in accordance with
Directive 2002/95/EC of the European Parliament
and Council of 27 Jan 2003 on the restriction of the
use of certain hazardous substances in electrical and
electronic equipment.
This model is produced and assembled utilizing
state-of-the art production equipment along with
lean principles to provide our customers with a high
performance product at a competitive price.
* Pulses per Revolution
** Ingression Protection
What is Hall Effect?
Discovered by Edwin Hall in 1879, Hall Effect refers
to the potential difference on opposite sides of a
bar-shaped conducting or semi-conducting material
(Hall element). This potential difference (voltage) is
produced by a magnetic field applied perpendicular
to the Hall element through which an electric current
flows. Figure 1 is provided to clarify this concept by
illustration. Figure 2 demonstrates two different states
of the AS5040 ASSP as the magnet rotates in close
proximity to the ASSP.
Figure 1: Hall Effect Concept



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com