Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1002AC0 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SL3S1002AC0
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC0 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SL3S1002AC0 Datasheet HTML 41Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 42Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 43Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 44Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 45Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 46Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 47Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 48Page - NXP Semiconductors SL3S1002AC0 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
45 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
16. Support information
16.1 CRC Calculation EXAMPLE
Old RN = 3D5Bh
Table 32.
Practical example of CRC calculation for a 'Req_RN' command by the reader
CRC Calculated @ Reader
FFF
F
1
FFF
E
1
FFF
C
0E
F
D
9
0C
F
9
3
08
F
0
7
00
E
2
F
01
C
5
E
1
28
99
051
3
A
0A2
7
4
144
E
8
199
F
1
133
E
2
177
E
5
0E
F
C
A
1
DF
9
4
0A
F
0
9
15
E
1
2
0B
C
2
4
178
48
1E0B1
0D
1
4
3
1A2
8
6
1
45
0
C
-> ones complement:
BA
F
3
=> Command-Sequence: C1 3D 5B BA F3 hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com