Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH487P Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH487P
Description  GaAIAs-IR-Lumineszenzdiode (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH487P Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH487P Datasheet HTML 1Page - OSRAM GmbH SFH487P Datasheet HTML 2Page - OSRAM GmbH SFH487P Datasheet HTML 3Page - OSRAM GmbH SFH487P Datasheet HTML 4Page - OSRAM GmbH SFH487P Datasheet HTML 5Page - OSRAM GmbH SFH487P Datasheet HTML 6Page - OSRAM GmbH SFH487P Datasheet HTML 7Page - OSRAM GmbH SFH487P Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 487 P
2007-04-02
3
Schaltzeiten, I
e von 10% auf 90% und von 90% auf
10%, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10% to 90% and from 90%
to 10%,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.6/0.5
μs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
15
pF
Durchla
βspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 μs
V
F
1.5 (< 1.8)
3.0 (< 3.8)
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
μA
Gesamtstrahlungsflu
β
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
25
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient or I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ
peak, IF = 100 mA
Temperature coefficient of
λ
peak, IF = 100 mA
TCλ
0.25
nm/K
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com