Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4350 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4350
Description  IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4350 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4350 Datasheet HTML 1Page - OSRAM GmbH SFH4350 Datasheet HTML 2Page - OSRAM GmbH SFH4350 Datasheet HTML 3Page - OSRAM GmbH SFH4350 Datasheet HTML 4Page - OSRAM GmbH SFH4350 Datasheet HTML 5Page - OSRAM GmbH SFH4350 Datasheet HTML 6Page - OSRAM GmbH SFH4350 Datasheet HTML 7Page - OSRAM GmbH SFH4350 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2009-08-21
6
SFH 4350
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Empfohlenes Lötpaddesign
Wellenlöten TTW
Recommended Solder Pad Design
TTW Soldering
Maße in mm (inch) / Dimensions in mm (inch).
Gehäuse / Package
3 mm, klares Gehäuse / 1/10
", clear package
Anschlussbelegung
Pin configuration
1 = Anode / anode
2 = Kathode / cathode
GEMY6689
1.8 (0.071)
1.2 (0.047)
5.2 (0.205)
4.5 (0.177)
2
1
Chip position
6.3 (0.248)
5.9 (0.232)
4.0 (0.157)
3.6 (0.142)
4.1 (0.161)
3.9 (0.154)
not flat
3.3 (0.130)
0.6 (0.024)
0.4 (0.016)
Surface
4 (0.157)
OHLPY985
Anode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com