Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4557 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4557
Description  IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4557 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4557 Datasheet HTML 1Page - OSRAM GmbH SFH4557 Datasheet HTML 2Page - OSRAM GmbH SFH4557 Datasheet HTML 3Page - OSRAM GmbH SFH4557 Datasheet HTML 4Page - OSRAM GmbH SFH4557 Datasheet HTML 5Page - OSRAM GmbH SFH4557 Datasheet HTML 6Page - OSRAM GmbH SFH4557 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2011-11-08
4
SFH 4557
Abstrahlcharakteristik
Radiation Characteristics I
rel = f (ϕ)
Strahlstärke I
e in Achsrichtung
1)
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Werte
Values
Einheit
Unit
SFH 4557
-T
SFH 4557
-U
SFH 4557
-V
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
e min
I
e max
25
50
40
80
63
125
mW/sr
mW/sr
1) Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1) /
Only one bin in one packing unit (variation lower 2:1)
0
10
20
30
40
50
60
70
80
90
100
-90
-60
-30
0
30
60
90
Angle / °



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com