Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-4UP-N-R Datasheet(PDF) 17 Page - Phihong USA Inc.

Part # POE240U-4UP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-4UP-N-R Datasheet(HTML) 17 Page - Phihong USA Inc.

Back Button POE240U-4UP-N-R Datasheet HTML 13Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 14Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 15Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 16Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 17Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 18Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 19Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 20Page - Phihong USA Inc. POE240U-4UP-N-R Datasheet HTML 21Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-17-
2.6
Technical Specifications
Model Name:
POE
U-
-N-R
RoHS
NIC Interface
Power over Ethernet
2-3 digits specifying the
total power rating
2 letters specifying the
power level per port
1-2 digits specifying the
total number of output
ports
General Eletrical Specifications:
•
Input
AC Input Voltage Rating
100VAC to 240VAC
AC Input Voltage range
90VAC to 264VAC
AC Input Current
Varies per model
AC Input frequency
47Hz to 63Hz
Max. In-rush current
30A for 115VAC at Max. load
60A for 230VAC at Max. load
POE125U-
4AT-N
POE75U-
1UP-N
POE240U-
2MP-N
POE240U-
4UP-N
POE576U-
8UP-N
POE576U-
4MP-N
POE806U-
8MP-N
Nominal DC Output Voltage
56V
56V
56V
56V
56V
56V
56V
Output Power per Port
33.6W
75W
95W
60W
75W
95W
95W
Maximum Current per Port
0.6A
1.339A
1.696A
1.071A
1.339A
1.696A
1.696A
POE125U-
4AT-N
POE75U-
1UP-N
POE240U-
2MP-N
POE240U-
4UP-N
POE576U-
8UP-N
POE576U-
4MP-N
POE806U-
8MP-N
25K
12.5K and 25K (both)
•
Detection Resistance
•
Output
For detailed specifications, refer to the datasheets posted on www.phihong.com or www.midspans.
com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com