Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM33256B Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # FM33256B
Description  3V Integrated Processor Companion with F-RAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256B Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button FM33256B Datasheet HTML 17Page - Ramtron International Corporation FM33256B Datasheet HTML 18Page - Ramtron International Corporation FM33256B Datasheet HTML 19Page - Ramtron International Corporation FM33256B Datasheet HTML 20Page - Ramtron International Corporation FM33256B Datasheet HTML 21Page - Ramtron International Corporation FM33256B Datasheet HTML 22Page - Ramtron International Corporation FM33256B Datasheet HTML 23Page - Ramtron International Corporation FM33256B Datasheet HTML 24Page - Ramtron International Corporation FM33256B Datasheet HTML 25Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FM33256B SPI Companion w/ FRAM
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2012
Page 21 of 28
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
0
Figure 17. WRDI Bus Configuration
RDSR – Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading this
register provides information about the current state
of the write protection bits. Following the RDSR op-
code, the FM33256B will return one byte with the
contents of the Status Register. The Status Register
is described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to sending the WRSR
command, the user must send a WREN command to
enable
writes.
Note
that
executing
a
WRSR
command is a write operation and therefore clears
the Write Enable Latch. The bus timings of RDSR
and WRSR are shown below.
Figure 18. RDSR Bus Configuration
Figure 19. WRSR Bus Configuration
(WREN must precede WRSR)
RDPC – Read Processor Companion
The RDPC command allows the bus master to verify
the contents of the Processor Companion registers.
Following the RDPC op-code, a single-byte register
address is sent. The FM33256B will then return one
or more bytes with the contents of the companion
registers. When reading multiple data bytes, the
nternal register address will wrap around to 00h after
1Dh is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com