Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876IDBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC876IDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876IDBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC876IDBLE Datasheet HTML 3Page - Texas Instruments TLC876IDBLE Datasheet HTML 4Page - Texas Instruments TLC876IDBLE Datasheet HTML 5Page - Texas Instruments TLC876IDBLE Datasheet HTML 6Page - Texas Instruments TLC876IDBLE Datasheet HTML 7Page - Texas Instruments TLC876IDBLE Datasheet HTML 8Page - Texas Instruments TLC876IDBLE Datasheet HTML 9Page - Texas Instruments TLC876IDBLE Datasheet HTML 10Page - Texas Instruments TLC876IDBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at AVDD = DVDD = 5 V, DRVDD = 3.3 V, VI(REFT) = 3.6 V, VI(REFB) = 1.6 V,
fCLK = 20 MSPS (unless otherwise noted)
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral nonlinearity (INL)
±1.5
LSB
Differential nonlinearity (DNL) (see Note 1)
±0.5
<±1
LSB
Offset error
–0.4
%FSR
Gain error
0.2
%FSR
NOTE 1: A differential nonlinearity error of less than
±1 LSB ensures no missing codes.
analog input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ci
Input capacitance
5
pF
reference input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rref
Reference input resistance
350
500
Ω
Iref
Reference input current
4
mA
Reference top offset voltage
35
mV
Reference bottom offset voltage
35
mV
dynamic performance†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All suffixes
fI = 1 MHz
8.5
Eff
ti
b
f bit (ENOB)
All suffixes
fI = 3.58 MHz,
TA = 25°C
8
8.5
Bit
Effective number of bits (ENOB)
C and I suffixes
fI = 3.58 MHz,
8
8.5
Bits
M suffix
I
,
TA = Full Range
7.5
All suffixes
fI = 10 MHz
8.1
All suffixes
fI = 1 MHz
53
Signal-to-total harmonic distortion+noise
All suffixes
fI = 3.58 MHz,
TA = 25°C
50
53
dB
Signal to total harmonic distortion+noise
(S/(THD+N))
C and I suffixes
fI = 3.58 MHz,
50
53
dB
M suffix
I
,
TA = Full Range
47
All suffixes
fI = 10 MHz
51
fI = 1 MHz
–63
Total harmonic distortion (THD)
fI = 3.58 MHz
–62
–56
dB
fI = 10 MHz
–61
Spurious free dynamic range
fI = 3.58 MHz
–64
dB
BW
Analog input full-power bandwidth
200
MHz
Differential phase
0.5
degrees
Differential gain
1%
† The voltage difference between AVDD and DVDD cannot exceed 0.5 V to maintain performance specifications. At input clock rise times less than
20 ns, the offset full-scale error increases approximately by a factor of (20/tr)0.5 where tr equals the actual rise time in nanoseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com